Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA032D02DCAG4 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TPA032D02DCAG4
Szczegółowy opis  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA032D02DCAG4 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPA032D02DCAG4 Datasheet HTML 1Page - Texas Instruments TPA032D02DCAG4 Datasheet HTML 2Page - Texas Instruments TPA032D02DCAG4 Datasheet HTML 3Page - Texas Instruments TPA032D02DCAG4 Datasheet HTML 4Page - Texas Instruments TPA032D02DCAG4 Datasheet HTML 5Page - Texas Instruments TPA032D02DCAG4 Datasheet HTML 6Page - Texas Instruments TPA032D02DCAG4 Datasheet HTML 7Page - Texas Instruments TPA032D02DCAG4 Datasheet HTML 8Page - Texas Instruments TPA032D02DCAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPA032D02
10W STEREO CLASSD AUDIO POWER AMPLIFIER
SLOS243B − DECEMBER 1999 − REVISED JUNE 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
AGND
3, 7, 20,
46, 47
Analog ground for Class-D analog circuitry
COSC
48
Connect a capacitor from analog ground to this terminal to set the frequency of the ramp reference signal.
CP1
24
First diode node for charge pump
CP2
25
First inverter switching node for charge pump
FAULT0
42
Logic level fault0 output signal. Lower order bit of the two fault signals with open drain output.
FAULT1
41
Logic level fault1 output signal. Higher order bit of the two fault signals with open drain output.
LCOMP
6
Compensation capacitor terminal for left-channel Class-D amplifier
LINN
4
Class-D left-channel negative input
LINP
5
Class-D left-channel positive input
LOUTN
14, 15
Class-D amplifier left-channel negative output of H-bridge
LOUTP
10, 11
Class-D amplifier left-channel positive output of H-bridge
LPVDD
9, 16
Class-D amplifier left-channel power supply
MUTE
2
Active-low TTL logic-level mute input signal. When MUTE is held low, the selected amplifier is muted. When MUTE
is held > high, the device operates normally. When the Class-D amplifier is muted, the low-side output transistors
are turned on, shorting the load to ground.
NC
18, 19,
23, 26,
30, 31
No connection
PGND
12, 13
Power ground for left-channel H−bridge only
PGND
27
Power ground for charge pump only
PGND
36, 37
Power ground for right-channel H-bridge only
PVDD
21, 28
VDD supply for charge-pump and gate drive circuitry
RCOMP
43
Compensation capacitor terminal for right-channel Class-D amplifier
RINN
45
Class-D right-channel negative input
RINP
44
Class-D right-channel positive input
RPVDD
33, 40
Class-D amplifier right-channel power supply
ROUTN
34, 35
Class-D amplifier right-channel negative output of H-bridge
ROUTP
38, 39
Class-D amplifier right-channel positive output of H-bridge
SHUTDOWN
1
Active-low TTL logic-level shutdown input signal. When SHUTDOWN is held low, the device goes into shutdown
mode. When SHUTDOWN is held high, the device operates normally.
VCC
32
5V supply to logic. This terminal is typically connected to VCCREG.
VCCREG
17
5-V regulator output. This terminal requires a 1-
µF capacitor to ground for stability reasons.
V2P5
29
2.5V internal reference bypass. This terminal requires a capacitor to ground.
VCP
22
Connect a capacitor from this terminal to power ground to provide storage for the charge pump output voltage.
VDD
8
VDD bias supply for analog circuitry. This terminal needs to be well filtered to prevent degrading the device
performance.


Podobny numer części - TPA032D02DCAG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA032D02DCA TI-TPA032D02DCA Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA032D02DCAG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com