Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA0233 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA0233
Szczegółowy opis  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA0233 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPA0233 Datasheet HTML 1Page - Texas Instruments TPA0233 Datasheet HTML 2Page - Texas Instruments TPA0233 Datasheet HTML 3Page - Texas Instruments TPA0233 Datasheet HTML 4Page - Texas Instruments TPA0233 Datasheet HTML 5Page - Texas Instruments TPA0233 Datasheet HTML 6Page - Texas Instruments TPA0233 Datasheet HTML 7Page - Texas Instruments TPA0233 Datasheet HTML 8Page - Texas Instruments TPA0233 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPA0233
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS278D – JANUARY 2000 – REVISED NOVEMBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
4
I
BYPASS is the tap to the voltage divider for internal mid-supply bias. This terminal should be connected
to a 0.1-
µF to 1-µF capacitor.
FILT_CAP
1
I
Terminal is used to filter supply.
GND
8
Ground terminal
LIN
9
I
Left-channel input terminal
LO/MO–
10
O
Left-output in SE mode and mono negative output in BTL mode.
RIN
5
I
Right-channel input terminal
RO/MO+
6
O
Right-output in SE mode and mono positive output in BTL mode
SHUTDOWN
2
I
SHUTDOWN places the entire device in shutdown mode when held low. TTL compatible input.
ST/MN
7
I
Selects between stereo and mono mode. When held high, the amplifier is in SE stereo mode, while held
low, the amplifier is in BTL mono mode.
VDD
3
I
VDD is the supply voltage terminal.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.3 V to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
internally limited (see Dissipation Rating Table)
. . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA (see Table 3)
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
– 40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
DGQ
2.14 W‡
17.1 mW/
°C
1.37 W
1.11 W
‡ See the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report
(SLMA002), for more information on the PowerPAD
 package. The thermal data was measured on a PCB
layout based on the information in the section entitled Texas Instruments Recommended Board for PowerPAD
on page 33 of that document.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
ST/MN
VDD = 3 V
2.7
High-level input voltage, VIH
ST/MN
VDD = 5 V
4.5
V
High level in ut voltage, VIH
SHUTDOWN
2
V
ST/MN
VDD = 3 V
1.65
Low-level input voltage, VIL
ST/MN
VDD = 5 V
2.75
V
Low level in ut voltage, VIL
SHUTDOWN
0.8
V
Operating free-air temperature, TA
–40
85
°C
PowerPAD is a trademark of Texas Instruments.


Podobny numer części - TPA0233

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233DGQ TI-TPA0233DGQ Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

Podobny opis - TPA0233

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_07 Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com