Zakładka z wyszukiwarką danych komponentów |
|
TPA0252 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
TPA0252 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 32 page www.ti.com ROUT+ - + - + R MUX 32-Step Volume Control PC Beep MUX Control Depop Circuitry Power Management - + - + L MUX 32-Step Volume Control RHPIN RLINEIN DOWN RIN PC-BEEP SE/BTL LHPIN LLINEIN LIN ROUT- PVDD VDD BYPASS SHUTDOWN GND LOUT+ LOUT- HP/LINE 32-Step Volume Control 32-Step Volume Control UP 40 kW 40 kW VDD VDD TPA0252 SLOS288B – JUNE 2000 – REVISED SEPTEMBER 2004 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ORDERING INFORMATION PACKAGED DEVICE TA TSSOP(1) (PWP) -40 °C to 85°C TPA0252PWP (1) The PWP package is available taped and reeled. To order a taped and reeled part, add the suffix R to the part number (e.g., TPA0252PWPR). 2 |
Podobny numer części - TPA0252 |
|
Podobny opis - TPA0252 |