Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA0213DGQR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA0213DGQR
Szczegółowy opis  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA0213DGQR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA0213DGQR Datasheet HTML 4Page - Texas Instruments TPA0213DGQR Datasheet HTML 5Page - Texas Instruments TPA0213DGQR Datasheet HTML 6Page - Texas Instruments TPA0213DGQR Datasheet HTML 7Page - Texas Instruments TPA0213DGQR Datasheet HTML 8Page - Texas Instruments TPA0213DGQR Datasheet HTML 9Page - Texas Instruments TPA0213DGQR Datasheet HTML 10Page - Texas Instruments TPA0213DGQR Datasheet HTML 11Page - Texas Instruments TPA0213DGQR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPA0213
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS276D – JANUARY 2000 – REVISED NOVEMBER 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
10
100
1k
10k 20k
RL = 10 kΩ
VO = 1 VRMS
VDD = 5 V
Stereo/SE
Gain = 1.9 dB
0.01
0.001
1
0.1
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
f – Frequency – Hz
RL = 32 Ω
PO = 75 mW
Figure 10
0.01
1
f = 20 kHz
VDD = 5 V
Stereo/SE
RL = 32 Ω
Gain = 1.9 dB
0.1
0.01
10
1
f = 20 Hz
f = 1 kHz
0.1
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
PO – Output Power – W
Figure 11
10
100
10
100
1k
10k 20k
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
f – Frequency – Hz
Stereo/SE
RL = 32 Ω
Gain = 1.9 dB
Mono/BTL
RL = 8 Ω
Gain = 8 dB
Stereo/SE
RL = 32 Ω
Gain = 14 dB
Mono/BTL
RL = 8 Ω
Gain = 20 dB
Figure 12
–60
–100
–120
0
–20
20
100
1k
10k 20k
f – Frequency – Hz
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
CB = 0.47 µF
–40
–80
VDD = 5 V
Mono/BTL
Gain = 8 dB
CB = 1 µF
CB = 10 µF
Bypass = 2.5 V


Podobny numer części - TPA0213DGQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0213DGQ TI-TPA0213DGQ Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

Podobny opis - TPA0213DGQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com