Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA301 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TPA301
Szczegółowy opis  350-mW MONO AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA301 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPA301_07 Datasheet HTML 6Page - Texas Instruments TPA301_07 Datasheet HTML 7Page - Texas Instruments TPA301_07 Datasheet HTML 8Page - Texas Instruments TPA301_07 Datasheet HTML 9Page - Texas Instruments TPA301_07 Datasheet HTML 10Page - Texas Instruments TPA301_07 Datasheet HTML 11Page - Texas Instruments TPA301_07 Datasheet HTML 12Page - Texas Instruments TPA301_07 Datasheet HTML 13Page - Texas Instruments TPA301_07 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
10
0
−20
−30
1
20
30
f − Frequency − kHz
40
−10
180
120
0
−120
−180
VDD = 5 V
RL = Open
Gain
Phase
60
−60
101
102
103
104
−0.5
−1
−1.5
−2
f − Frequency − Hz
−0.25
−0.75
−1.25
−1.75
0
0.5
0.25
0.75
130
120
140
150
160
VDD = 3.3 V
RL = 8 Ω
PO = 0.25 W
CI =1 µF
1
170
180
Gain
Phase
101
102
103
104
105
106
TPA301
SLOS208E – JANUARY 1998 – REVISED JUNE 2004
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
Figure 16.
CLOSED-LOOP GAIN AND PHASE
vs
FREQUENCY
Figure 17.
10


Podobny numer części - TPA301_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA301D TI-TPA301D Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGN TI-TPA301DGN Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA301_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com