Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA302D Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA302D
Szczegółowy opis  300-mW STEREO AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA302D Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA302D Datasheet HTML 4Page - Texas Instruments TPA302D Datasheet HTML 5Page - Texas Instruments TPA302D Datasheet HTML 6Page - Texas Instruments TPA302D Datasheet HTML 7Page - Texas Instruments TPA302D Datasheet HTML 8Page - Texas Instruments TPA302D Datasheet HTML 9Page - Texas Instruments TPA302D Datasheet HTML 10Page - Texas Instruments TPA302D Datasheet HTML 11Page - Texas Instruments TPA302D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
1
0.1
0.010
10
0.01
0.1
1
VCC = 5 V
f = 1 kHz
RL = 32 Ω
AV = −1 V/V
PO − Output Power − W
VO1
VO2
1
0.1
0.010
10
0.01
0.1
1
VCC = 5 V
f = 20 kHz
RL = 32 Ω
AV = −1 V/V
PO − Output Power − W
VO1
VO2
1
0.1
0.010
10
20
100
1 k
10 k 20 k
f − Frequency − Hz
VCC = 3.3 V
PO = 100 mW
RL = 8 Ω
AV = −1 V/V
VO1
VO2
1
0.1
0.010
10
20
100
1 k
10 k 20 k
f − Frequency − Hz
VCC = 3.3 V
PO = 100 mW
RL = 8 Ω
AV = −5 V/V
VO1
VO2
TPA302
SLOS174C – JANUARY 1997 – REVISED JUNE 2004
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
8


Podobny numer części - TPA302D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA302D TI-TPA302D Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA302D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com