Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6017A2 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TPA6017A2
Szczegółowy opis  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6017A2 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA6017A2_07 Datasheet HTML 7Page - Texas Instruments TPA6017A2_07 Datasheet HTML 8Page - Texas Instruments TPA6017A2_07 Datasheet HTML 9Page - Texas Instruments TPA6017A2_07 Datasheet HTML 10Page - Texas Instruments TPA6017A2_07 Datasheet HTML 11Page - Texas Instruments TPA6017A2_07 Datasheet HTML 12Page - Texas Instruments TPA6017A2_07 Datasheet HTML 13Page - Texas Instruments TPA6017A2_07 Datasheet HTML 14Page - Texas Instruments TPA6017A2_07 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TPA6017A2
SLOS386 – NOVEMBER 2001
11
www.ti.com
TYPICAL CHARACTERISTICS
Figure 21
60
120
20
100
1k
10k 20k
f – Frequency – Hz
SIGNAL-TO-NOISE RATIO
vs
FREQUENCY
110
100
90
130
140
70
80
PO = 1 W
RL = 8 Ω
AV = 21.6 dB
AV = 15.6 dB
AV = 6 dB
–10
5
10
100
1k
10k
100k
f – Frequency – Hz
CLOSED LOOP RESPONSE
2.5
0
–2.5
7.5
10
–7.5
–5
180
°
90
°
0
°
–90
°
–180
°
1M
RL = 8 Ω
AV = 6 dB
Gain
Phase
Figure 22


Podobny numer części - TPA6017A2_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6017A2PWP TI-TPA6017A2PWP Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2PWP TI-TPA6017A2PWP Datasheet
859Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFER WITH FOUR SELECTABLE SETTINGS
TPA6017A2PWPG4 TI-TPA6017A2PWPG4 Datasheet
859Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFER WITH FOUR SELECTABLE SETTINGS
TPA6017A2PWPR TI-TPA6017A2PWPR Datasheet
859Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFER WITH FOUR SELECTABLE SETTINGS
TPA6017A2PWPRG4 TI-TPA6017A2PWPRG4 Datasheet
859Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFER WITH FOUR SELECTABLE SETTINGS
More results

Podobny opis - TPA6017A2_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_15 Datasheet
828Kb / 32P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com