Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6112A2DGQR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA6112A2DGQR
Szczegółowy opis  150-mW STEREO AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6112A2DGQR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPA6112A2DGQR Datasheet HTML 2Page - Texas Instruments TPA6112A2DGQR Datasheet HTML 3Page - Texas Instruments TPA6112A2DGQR Datasheet HTML 4Page - Texas Instruments TPA6112A2DGQR Datasheet HTML 5Page - Texas Instruments TPA6112A2DGQR Datasheet HTML 6Page - Texas Instruments TPA6112A2DGQR Datasheet HTML 7Page - Texas Instruments TPA6112A2DGQR Datasheet HTML 8Page - Texas Instruments TPA6112A2DGQR Datasheet HTML 9Page - Texas Instruments TPA6112A2DGQR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
20
20k
100
1k
10k
0.001
10
0.01
0.05
0.1
1
f − Frequency − Hz
VDD = 5 V,
PO = 60 mW,
CB = 1 µF,
RL = 32 Ω,
AV = −1 V/V
AV = −5 V/V
AV = −10 V/V
10
500
0.001
10
0.01
0.1
1
VDD = 5 V,
RL = 32 Ω,
AV = −1 V/V,
CB = 1 µF
100
PO − Output Power − mW
1 kHz
20 Hz
20 kHz
20
20k
100
1k
10k
0.001
10
0.01
0.1
1
f − Frequency − Hz
VDD = 3.3 V,
PO = 100 mW,
CB = 1 µF,
RL = 10 kΩ,
AV = −1 V/V
AV = −10 V/V
AV = −1 V/V
AV = −5 V/V
20
20k
100
1k
10k
0.001
10
0.01
0.1
1
f − Frequency − Hz
VDD = 5 V,
PO = 100 mW,
CB = 1 µF,
RL = 10 kΩ
TPA6112A2
SLOS342A – DECEMBER 2000 – REVISED SEPTEMBER 2004
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
6


Podobny numer części - TPA6112A2DGQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6112A2DGQ TI-TPA6112A2DGQ Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA6112A2DGQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com