Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LCX374WM Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74LCX374WM
Szczegółowy opis  Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX374WM Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74LCX374WM Datasheet HTML 1Page - Fairchild Semiconductor 74LCX374WM Datasheet HTML 2Page - Fairchild Semiconductor 74LCX374WM Datasheet HTML 3Page - Fairchild Semiconductor 74LCX374WM Datasheet HTML 4Page - Fairchild Semiconductor 74LCX374WM Datasheet HTML 5Page - Fairchild Semiconductor 74LCX374WM Datasheet HTML 6Page - Fairchild Semiconductor 74LCX374WM Datasheet HTML 7Page - Fairchild Semiconductor 74LCX374WM Datasheet HTML 8Page - Fairchild Semiconductor 74LCX374WM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.fairchildsemi.com
74LCX374 Rev. 2.0.0
DC Electrical Characteristics
AC Electrical Characteristics
Notes:
6.
Outputs disabled or 3-STATE only.
7.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the
same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-
HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to +85°C
Units
Min.
Max.
VIH
HIGH Level Input Voltage
2.3
− 2.7
1.7
V
2.7
− 3.6
2.0
VIL
LOW Level Input Voltage
2.3
− 2.7
0.7
V
2.7
− 3.6
0.8
VOH
HIGH Level Output
Voltage
IOH = −100µA
2.3
− 3.6
VCC − 0.2
V
IOH = −8mA
2.3
1.8
IOH = −12mA
2.7
2.2
IOH = −18mA
3.0
2.4
IOH = −24mA
3.0
2.2
VOL
LOW Level Output
Voltage
IOL = 100µA
2.3
− 3.6
0.2
V
IOL = 8mA
2.3
0.6
IOL = 12mA
2.7
0.4
IOL = 16mA
3.0
0.4
IOL = 24mA
3.0
0.55
II
Input Leakage Current
0
≤ V
I ≤ 5.5V
2.3
− 3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 5.5V,
VI = VIH or VIL
2.3
− 3.6
±5.0
µA
IOFF
Power-Off Leakage Current
VI or VO = 5.5V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
10
µA
3.6V
≤ V
I, VO ≤ 5.5V
6
2.3
− 3.6
±10
∆I
CC
Increase in ICC per Input
VIH = VCC − 0.6V
2.3
− 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500 Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5 ± 0.2
CL = 50pF
CL = 50pF
CL = 30pF
Min.
Max.
Min.
Max.
Min.
Max.
fMAX
Maximum Clock Frequency
150
150
150
MHz
tPHL, tPLH Propagation Delay CP to On
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPZL, tPZH Output Enable Time
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPLZ, tPHZ Output Disable Time
1.5
7.5
1.5
8.5
1.5
9.0
ns
tS
Setup Time
2.5
2.5
4.0
ns
tH
Hold Time
1.5
1.5
2.0
ns
tW
Pulse Width
3.3
3.3
4.0
ns
tOSHL,
tOSLH
Output to Output Skew7
1.0
ns


Podobny numer części - 74LCX374WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX374WM FAIRCHILD-74LCX374WM Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX374WM NSC-74LCX374WM Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX374WM FAIRCHILD-74LCX374WM Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374WMX FAIRCHILD-74LCX374WMX Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX374WMX NSC-74LCX374WMX Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Podobny opis - 74LCX374WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX574 FAIRCHILD-74LCX574 Datasheet
767Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
   74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com