Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA1517 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA1517
Szczegółowy opis  6-W STEREO AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA1517 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA1517 Datasheet HTML 4Page - Texas Instruments TPA1517 Datasheet HTML 5Page - Texas Instruments TPA1517 Datasheet HTML 6Page - Texas Instruments TPA1517 Datasheet HTML 7Page - Texas Instruments TPA1517 Datasheet HTML 8Page - Texas Instruments TPA1517 Datasheet HTML 9Page - Texas Instruments TPA1517 Datasheet HTML 10Page - Texas Instruments TPA1517 Datasheet HTML 11Page - Texas Instruments TPA1517 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
PO - Power Output - W
0.01
0.1
1
10
0.1%
0.01%
1%
10%
VCC = 14.5 V
RL = 8 Ω
Both Channels
f = 20 kHz
f = 20 Hz
f = 1 kHz
- 60
- 65
- 70
- 80
20
100
1 k
- 50
- 45
f - Frequency - Hz
- 40
10 k 20 k
- 55
- 75
VCC = 12 V
RL = 4 Ω
PO = 3 W
Both Channels
- 60
- 65
- 70
- 80
20
100
1 k
- 50
- 45
f - Frequency - Hz
- 40
10 k
20 k
- 55
- 75
VCC = 14.5 V
RL = 4 Ω
PO = 5 W
Both Channels
TPA1517
SLOS162D – MARCH 1997 – REVISED FEBRUARY 2007
TOTAL HARMONIC DISTORTION + NOISE
CROSSTALK
vs
vs
POWER OUTPUT
FREQUENCY
Figure 13.
Figure 14.
CROSSTALK
vs
FREQUENCY
Figure 15.
8
Submit Documentation Feedback


Podobny numer części - TPA1517

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI-TPA1517DWP Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI1-TPA1517DWP Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPG4 TI1-TPA1517DWPG4 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA1517

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com