Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2001D1 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TPA2001D1
Szczegółowy opis  1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2001D1 Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA2001D1_06 Datasheet HTML 1Page - Texas Instruments TPA2001D1_06 Datasheet HTML 2Page - Texas Instruments TPA2001D1_06 Datasheet HTML 3Page - Texas Instruments TPA2001D1_06 Datasheet HTML 4Page - Texas Instruments TPA2001D1_06 Datasheet HTML 5Page - Texas Instruments TPA2001D1_06 Datasheet HTML 6Page - Texas Instruments TPA2001D1_06 Datasheet HTML 7Page - Texas Instruments TPA2001D1_06 Datasheet HTML 8Page - Texas Instruments TPA2001D1_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPA2001D1
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
SLOS338D – SEPTEMBER 2000 – REVISED DECEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, PVDD = 3.3 V, TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage (measured differentially)
VI = 0 V,
AV = any gain
25
mV
PSRR
Power supply rejection ratio
PVDD = 3.2 V to 3.4 V
61
dB
|IIH|
High-level input current
PVDD = 3.3 V,
VI = PVDD
1
µA
|IIL|
Low-level input current
PVDD = 3.3 V,
VI = 0 V
1
µA
IDD
Supply current, no filter (with or without speaker
load)
4
6
mA
IDD(SD)
Supply current, shutdown mode
0.05
20
µA
operating characteristics, PVDD = 3.3 V, TA = 25°C, RL = 8 Ω, gain = 6 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
f = 1 kHz
400
mW
THD + N
Total harmonic distortion plus noise
PO = 55 mW,
f = 20 Hz to 20 kHz
<0.1%
BOM
Maximum output power bandwidth
THD = 0.7%
20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz,
C(BYP) = 1 µF
61
dB
SNR
Signal-to-noise ratio
93
dB
Vn
Output noise voltage (no noise weighting filter)
C(BYP) = 1 µF,
f =
<10 Hz to 22 kHz
40
µV(rms)
ZI
Input impedance
>15
k


Podobny numer części - TPA2001D1_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2001D1PW TI-TPA2001D1PW Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA2001D1_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com