Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2010D1YEF Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TPA2010D1YEF
Szczegółowy opis  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2010D1YEF Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA2010D1YEF Datasheet HTML 7Page - Texas Instruments TPA2010D1YEF Datasheet HTML 8Page - Texas Instruments TPA2010D1YEF Datasheet HTML 9Page - Texas Instruments TPA2010D1YEF Datasheet HTML 10Page - Texas Instruments TPA2010D1YEF Datasheet HTML 11Page - Texas Instruments TPA2010D1YEF Datasheet HTML 12Page - Texas Instruments TPA2010D1YEF Datasheet HTML 13Page - Texas Instruments TPA2010D1YEF Datasheet HTML 14Page - Texas Instruments TPA2010D1YEF Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.ti.com
_
+
IN-
IN+
PWM
H-
Bridge
VO+
VO-
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI
RI
Differential
Input
TPA2010D1
Filter-Free Class D
SHUTDOWN
CI
CI
_
+
IN-
IN+
PWM
H-
Bridge
VO+
VO-
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI
RI
Single-ended
Input
TPA2010D1
Filter-Free Class D
SHUTDOWN
CI
CI
SUMMING INPUT SIGNALS WITH THE TPA2010D1
Summing Two Differential Input Signals
Gain 1 +
V
O
V
I1
+
2 x 150 kW
R
I1
V
V
(4)
Gain 2 +
V
O
V
I2
+
2 x 150 kW
R
I2
V
V
(5)
TPA2010D1
SLOS417B – OCTOBER 2003 – REVISED JULY 2006
Figure 28. TPA2010D1 Application Schematic With Differential Input and Input Capacitors
Figure 29. TPA2010D1 Application Schematic With Single-Ended Input
Most wireless phones or PDAs need to sum signals at the audio power amplifier or just have two signal sources
that need separate gain. The TPA2010D1 makes it easy to sum signals or use separate signal sources with
different gains. Many phones now use the same speaker for the earpiece and ringer, where the wireless phone
would require a much lower gain for the phone earpiece than for the ringer. PDAs and phones that have stereo
headphones require summing of the right and left channels to output the stereo signal to the mono speaker.
Two extra resistors are needed for summing differential signals (a total of 5 components). The gain for each
input source can be set independently (see Equation 4 and Equation 5, and Figure 30).
If summing left and right inputs with a gain of 1 V/V, use RI1 = RI2 = 300 kΩ.
11
Submit Documentation Feedback


Podobny numer części - TPA2010D1YEF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFR TI1-TPA2010D1YEFR Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YEFT TI1-TPA2010D1YEFT Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

Podobny opis - TPA2010D1YEF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com