Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3001D1 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części TPA3001D1
Szczegółowy opis  20-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3001D1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPA3001D1_07 Datasheet HTML 3Page - Texas Instruments TPA3001D1_07 Datasheet HTML 4Page - Texas Instruments TPA3001D1_07 Datasheet HTML 5Page - Texas Instruments TPA3001D1_07 Datasheet HTML 6Page - Texas Instruments TPA3001D1_07 Datasheet HTML 7Page - Texas Instruments TPA3001D1_07 Datasheet HTML 8Page - Texas Instruments TPA3001D1_07 Datasheet HTML 9Page - Texas Instruments TPA3001D1_07 Datasheet HTML 10Page - Texas Instruments TPA3001D1_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
6
7
8
9
10
11
8
10
12
14
16
18
VCC − Supply Voltage − V
VCC − Supply Voltage − V
0
1
2
3
4
5
8
10
12
14
16
18
SHUTDOWN = 0.8 V
0.001
0.01
0.1
1
10
0
5
10
15
20
1 kHz
20 kHz
20 Hz
PO − Output Power − W
VCC = 18 V,
RL = 8 Ω,
Gain = 12 dB
0.01
0.1
1
10
0
5
10
15
20
1 kHz
20 kHz
20 Hz
PO − Output Power − W
VCC = 18 V,
RL = 8 Ω,
Gain = 36 dB
TPA3001D1
SLOS398C – DECEMBER 2002 – REVISED JULY 2006
SUPPLY CURRENT
SHUTDOWN CURRENT
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 5.
Figure 6.
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 7.
Figure 8.
7
Submit Documentation Feedback


Podobny numer części - TPA3001D1_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3001D1PWP TI-TPA3001D1PWP Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3001D1_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com