Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3002D2PHPRG4 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części TPA3002D2PHPRG4
Szczegółowy opis  9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3002D2PHPRG4 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA3002D2PHPRG4 Datasheet HTML 5Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 6Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 7Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 8Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 9Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 10Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 11Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 12Page - Texas Instruments TPA3002D2PHPRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TPA3002D2
SLOS402C − DECEMBER 2002 − REVISED JANUARY 2004
www.ti.com
9
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
Class-D Efficiency
vs Output power
1
PO
Class-D Output power
vs Load resistance
2
PO
Class-D Output power
vs Supply voltage
3
ICC
Class-D Supply current
vs Supply voltage
4
ICC
Class-D Supply current
vs Output Power
5
IO(sd)
Shutdown supply current
vs Supply voltage
6
Class-D Input resistance
vs Gain
7
THD+N
Class-D Total harmonic distortion + noise
vs Frequency
8, 9
THD+N
Class-D Total harmonic distortion + noise
vs Output power
10, 11
kSVR
Class-D Supply ripple rejection ratio
vs Frequency
12
Class-D Closed loop response
13
Class-D Intermodulation performance
14
Class-D Input offset voltage
vs Common-mode input voltage
15
Class-D Crosstalk
vs Frequency
16
Class-D Mute attenuation
vs Frequency
17
Class-D Shutdown attenuation
vs Frequency
18
Class-D Common-mode rejection ratio
vs Frequency
19
VAROUT Input resistance
vs Gain
20
VAROUT Noise
vs Frequency
21
VAROUT Closed Loop Response
22
VAROUT Common-mode rejection ratio
vs Frequency
23
VAROUT Crosstalk
vs Frequency
24
vs Output power
25
THD+N
VAROUT Total harmonic distortion + noise
vs Output voltage
26
THD+N
VAROUT Total harmonic distortion + noise
vs Frequency
27
kSVR
VAROUT Supply ripple rejection ratio
vs Frequency
28


Podobny numer części - TPA3002D2PHPRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3002D2PHP TI-TPA3002D2PHP Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Podobny opis - TPA3002D2PHPRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com