Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2012D2YZHT Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2012D2YZHT
Szczegółowy opis  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2YZHT Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA2012D2YZHT Datasheet HTML 1Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 2Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 3Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 4Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 5Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 6Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 7Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 8Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RTJ
YZH
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
VDD = 3.6 V, 10%
0
0.50
1
1.50
2
2.50
4
9
14
19
24
29
34
RL − Load Resistance − W
WCSP Thermally Limited Region
VDD = 5 V, 1%
VDD = 2.5 V, 1%
VDD = 2.5 V, 10%
VDD = 3.6 V, 1%
VDD = 3.6 V, 10%
TPA2012D2
SLOS438C – DECEMBER 2004 – REVISED MARCH 2007
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
• Wireless or Cellular Handsets and PDAs
• Output Power By Package:
• Portable DVD Player
QFN:
• Notebook PC
2.1 W/Ch Into 4
Ω at 5 V
• Portable Radio
1.4 W/Ch Into 8
Ω at 5 V
• Portable Gaming
720 mW/Ch Into 8
Ω at 3.6 V
• Educational Toys
WCSP:
• USB Speakers
1.2 W/Ch Into 4
Ω at 5 V(1)
1.3 W/Ch Into 8
Ω at 5 V
720 mW/Ch Into 8
Ω at 3.6 V
The TPA2012D2 is a stereo, filter-free, Class-D
• Only Two External Components Required
audio amplifier (class-D amp) available in a WCSP,
QFN, or PWP package. The TPA2012D2 only
• Power Supply Range: 2.5 V to 5.5 V
requires two external components for operation.
• Independent Shutdown Control for Each
Channel
The TPA2012D2 features independent shutdown
controls for each channel. The gain can be selected
• Selectable Gain of 6, 12, 18, and 24 dB
to 6, 12, 18, or 24 dB utilizing the G0 and G1 gain
• Internal Pulldown Resistor On Shutdown Pins
select pins. High PSRR and differential architecture
• High PSRR: 77 dB at 217 Hz
provide
increased
immunity
to
noise
and
RF
rectification. In addition to these features, a fast
• Fast Startup Time (3.5 ms)
startup time and small package size make the
• Low Supply Current
TPA2012D2 class-D amp an ideal choice for both
• Low Shutdown Current
cellular handsets and PDAs.
• Short-Circuit and Thermal Protection
• Space Saving Packages
2,01 mm X 2,01 mm NanoFree™ WCSP
(YZH)
4 mm X 4 mm Thin QFN (RTJ) with
PowerPAD™
(1)
Thermally limited
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TPA2012D2YZHT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2012D2YZHT TI1-TPA2012D2YZHT Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
More results

Podobny opis - TPA2012D2YZHT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com