Zakładka z wyszukiwarką danych komponentów |
|
LF27CP Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
LF27CP Arkusz danych(HTML) 1 Page - STMicroelectronics |
1 / 46 page May 2006 Rev. 15 1/46 46 LF00 series Very low drop voltage regulators with inhibit Feature summary ■ Very low dropout voltage (0.45V) ■ Very low quiescent current (TYP. 50 µA in OFF mode, 500 µA in ON mode) ■ Output current up to 500 mA ■ Logic-controlled electronic shutdown ■ Output voltages of 1.5; 1.8; 2.5; 2.7; 3; 3.3; 3.5; 4; 5; 6; 8; 8.5; 9; 12V ■ Internal current and thermal limit ■ Only 2.2 µF for stability ■ Available in ± 1% (AB) or ± 2% (C) selection at 25°C ■ Supply voltage rejection: 80db (typ.) ■ Temperature range: -40 to 125°C Description The LF00 series are very Low Drop regulators available in PENTAWATT, TO-220, TO-220FP, DPAK and PPAK package and in a wide range of output voltages. The very Low Drop voltage (0.45V) and the very low quiescent current make them particularly suitable for Low Noise, Low Power applications and specially in battery powered systems. In the 5 pins configuration (PENTAWATT and PPAK) a Shutdown Logic Control function is available (pin 2, TTL compatible). This means that when the device is used as a local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption. In the three terminal configuration the device has the same electrical performance, but is fixed in the ON state. It requires only a 2.2 µF capacitor for stability allowing space and cost saving. TO-220FP PENTAWATT TO-220 DPAK PPAK www.st.com Schematic diagram |
Podobny numer części - LF27CP |
|
Podobny opis - LF27CP |