Zakładka z wyszukiwarką danych komponentów |
|
LF27CDT-TR Arkusz danych(PDF) 10 Page - STMicroelectronics |
|
LF27CDT-TR Arkusz danych(HTML) 10 Page - STMicroelectronics |
10 / 46 page Electrical characteristics LF00 series 10/46 Table 8. Electrical characteristics for LF25C (refer to the test circuits, TJ = 25°C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 50 mA, VI = 4.5 V 2.45 2.5 2.55 V IO = 50 mA, VI = 4.5 V, Ta = -25 to 85°C 2.4 2.6 VI Operating input voltage IO = 500 mA 16 V IO Output current limit 1 A ∆VO Line regulation VI = 3.5 to 16 V, IO = 5 mA 2 12 mV ∆VO Load regulation VI = 3.8 V, IO = 5 to 500 mA 2 12 mV Id Quiescent current VI = 3.5 to 16V, IO = 0mA ON MODE 0.5 1 mA VI = 3.8 to 16V, IO=500mA 12 VI = 6 V OFF MODE 50 100 µA SVR Supply voltage rejection IO = 5 mA, VI = 4.5 ± 1 V f = 120 Hz 82 dB f = 1 KHz 77 f = 10 KHz 65 eN Output noise voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control input logic low Ta = -40 to 125°C 0.8 V VIH Control input logic high Ta = -40 to 125°C 2 V II Control input current VI = 6 V, VC = 6 V 10 µA CO Output bypass capacitance ESR = 0.1 to 10 Ω, IO = 0 to 500 mA 2 10 µF |
Podobny numer części - LF27CDT-TR |
|
Podobny opis - LF27CDT-TR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |