Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATMEGA32-16AC Arkusz danych(PDF) 70 Page - ATMEL Corporation

Numer części ATMEGA32-16AC
Szczegółowy opis  8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
Download  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32-16AC Arkusz danych(HTML) 70 Page - ATMEL Corporation

Back Button ATMEGA32-16AC Datasheet HTML 66Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 67Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 68Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 69Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 70Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 71Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 72Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 73Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 347 page
background image
70
ATmega32(L)
2503J–AVR–10/06
The double buffered Output Compare Register (OCR0) is compared with the
Timer/Counter value at all times. The result of the compare can be used by the wave-
form generator to generate a PWM or variable frequency output on the Output Compare
Pin (OC0). See “Output Compare Unit” on page 71. for details. The compare match
event will also set the Compare Flag (OCF0) which can be used to generate an output
compare interrupt request.
Definitions
Many register and bit references in this document are written in general form. A lower
case “n” replaces the Timer/Counter number, in this case 0. However, when using the
register or bit defines in a program, the precise form must be used i.e., TCNT0 for
accessing Timer/Counter0 counter value and so on.
The definitions in Table 37 are also used extensively throughout the document.
Timer/Counter Clock
Sources
The Timer/Counter can be clocked by an internal or an external clock source. The clock
source is selected by the clock select logic which is controlled by the clock select
(CS02:0) bits located in the Timer/Counter Control Register (TCCR0). For details on
clock sources and prescaler, see “Timer/Counter0 and Timer/Counter1 Prescalers” on
page 84.
Counter Unit
The main part of the 8-bit Timer/Counter is the programmable bi-directional counter unit.
Figure 28 shows a block diagram of the counter and its surroundings.
Figure 28. Counter Unit Block Diagram
Signal description (internal signals):
count
Increment or decrement TCNT0 by 1.
direction
Select between increment and decrement.
clear
Clear TCNT0 (set all bits to zero).
clk
Tn
Timer/Counter clock, referred to as clk
T0 in the following.
TOP
Signalize that TCNT0 has reached maximum value.
Table 37. Definitions
BOTTOM
The counter reaches the BOTTOM when it becomes 0x00.
MAX
The counter reaches its MAXimum when it becomes 0xFF (decimal 255).
TOP
The counter reaches the TOP when it becomes equal to the highest
value in the count sequence. The TOP value can be assigned to be the
fixed value 0xFF (MAX) or the value stored in the OCR0 Register. The
assignment is dependent on the mode of operation.
DATA BUS
TCNTn
Control Logic
count
TOVn
(Int. Req.)
Clock Select
TOP
Tn
Edge
Detector
( From Prescaler )
clk
Tn
BOTTOM
direction
clear


Podobny numer części - ATMEGA32-16AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATMEGA32-16AC ATMEL-ATMEGA32-16AC Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
More results

Podobny opis - ATMEGA32-16AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATMEGA32 ATMEL-ATMEGA32 Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
8Mb / 294P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com