Zakładka z wyszukiwarką danych komponentów |
|
74LV125A Arkusz danych(PDF) 6 Page - Texas Instruments |
|
74LV125A Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 19 page SN54LV125A, SN74LV125A QUADRUPLE BUS BUFFER GATES WITH 3STATE OUTPUTS SCES124L − DECEMBER 1997 − REVISED APRIL 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54LV125A SN74LV125A UNIT PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tpd A Y 3.4* 5.5* 1* 6.5* 1 6.5 ten OE Y CL = 15 pF 3.4* 5.1* 1* 6* 1 6 ns tdis OE Y CL = 15 pF 3.2* 6.8* 1* 8* 1 8 ns tpd A Y 4.3 7.5 1 8.5 1 8.5 ten OE Y CL = 50 pF 4.4 7.1 1 8 1 8 ns tdis OE Y CL = 50 pF 4 8.8 1 10 1 10 ns tsk(o) 1 1 * On products compliant to MIL-PRF-38535, this parameter is not production tested. noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 6) PARAMETER SN74LV125A UNIT PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.4 0.8 V VOL(V) Quiet output, minimum dynamic VOL −0.3 −0.8 V VOH(V) Quiet output, minimum dynamic VOH 3 V VIH(D) High-level dynamic input voltage 2.31 V VIL(D) Low-level dynamic input voltage 0.99 V NOTE 6: Characteristics are for surface-mount packages only. operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS VCC TYP UNIT Cpd Power dissipation capacitance Outputs enabled CL = 50 pF, f = 10 MHz 3.3 V 15.5 pF Cpd Power dissipation capacitance Outputs enabled CL = 50 pF, f = 10 MHz 5 V 17.6 pF |
Podobny numer części - 74LV125A |
|
Podobny opis - 74LV125A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |