Zakładka z wyszukiwarką danych komponentów |
|
74LV04A Arkusz danych(PDF) 2 Page - Texas Instruments |
|
74LV04A Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 16 page SN54LV04A, SN74LV04A HEX INVERTERS SCLS388J − SEPTEMBER 1997 − REVISED APRIL 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 FUNCTION TABLE (each inverter) INPUT A OUTPUT Y H L L H logic diagram, each inverter (positive logic) Y A absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high-impedance or power-off state, VO (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Notes 1 and 2) −0.5 V to VCC + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) −20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO = 0 to VCC) ±25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 3): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 3): DB package 96 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 3): DGV package 127 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 3): NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 3): PW package 113 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 4): RGY package 47 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The package thermal impedance is calculated in accordance with JESD 51-7. 4. The package thermal impedance is calculated in accordance with JESD 51-5. |
Podobny numer części - 74LV04A |
|
Podobny opis - 74LV04A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |