Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA5051RSARG4 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TPA5051RSARG4
Szczegółowy opis  FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA5051RSARG4 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPA5051RSARG4 Datasheet HTML 6Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 7Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 8Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 9Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 10Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 11Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 12Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 13Page - Texas Instruments TPA5051RSARG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
SERIAL CONTROL INTERFACE REGISTER SUMMARY
CONTROL REGISTER (0x01, 0x09)
AUDIO DELAY REGISTERS (0x02–0x05, 0x0A–0x0D)
TPA5051
SLOS497A – JUNE 2006 – REVISED JULY 2006
Table 2. Serial Control Register Summary
REGISTER
REGISTER NAME
NO. OF
CONTENTS
INITIALIZATION
BYTES
VALUE
0x01(1)
Control Register
1
Description shown in subsequent section
00
0x02(1)
Right Delay Upper (5 bits)
1
Description shown in subsequent section
00
0x03(1)
Right Delay Lower (8 bits)
1
Description shown in subsequent section
00
0x04(1)
Left Delay Upper (5 bits)
1
Description shown in subsequent section
00
0x05(1)
Left Delay Lower (8 bits)
1
Description shown in subsequent section
00
0x06(1)
Frame Delay
1
Description shown in subsequent section
00
0x07(1)
RJ Packet Length
1
Description shown in subsequent section
00
0x08(1)
Complete Update
1
Description shown in subsequent section
00
0x09(2)
Control Register
1
Description shown in subsequent section
00
0x0A(2)
Right Delay Upper (5 bits)
1
Description shown in subsequent section
00
0x0B(2)
Right Delay Lower (8 bits)
1
Description shown in subsequent section
00
0x0C(2)
Left Delay Upper (5 bits)
1
Description shown in subsequent section
00
0x0D(2)
Left Delay Lower (8 bits)
1
Description shown in subsequent section
00
0x0E(2)
Frame Delay
1
Description shown in subsequent section
00
0x0F(2)
RJ Packet Length
1
Description shown in subsequent section
00
0x10(2)
Complete Update
1
Description shown in subsequent section
00
(1)
I2C registers for serial data channel 1
(2)
I2C registers for serial data channel 2
The control register allows the user to mute a specific audio channel. It is also used to specify the data type (I2S,
Right-Justified, or Left-Justified).
Table 3. Control Registers (0x01, 0x09)(1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
X
X
X
X
Left and Right channel are active.
0
1
X
X
X
X
Left channel is MUTED.
1
0
X
X
X
X
Right channel is MUTED.
1
1
X
X
X
X
Left and Right channel are MUTED.
X
X
X
X
0
0
I2S data format
X
X
X
X
0
1
Right-justified data format (see PACKET LENGTH register 0x07)
X
X
X
X
1
0
Left-justified data format
X
X
X
X
1
1
Bypass mode – data is passed straight through without delay.
(1)
Default values are in bold.
The audio delay for the left and right channels is fixed by writing a total of 13 bits (2 byte transfer) to upper and
lower registers as specified in Table 1. A multiple byte transfer should be performed starting with the control
register and following with 4 bytes to fill the upper and lower registers associated with right/left channel delay.
The decimal value of D0–D13 equals the number of samples to delay. The maximum number of delayed
samples per channel is 4095 for the TPA5051. This equates to 85.3 ms ([4095
× (1/Fs)] at 48 kHz) of delay per
channel.
10
Submit Documentation Feedback


Podobny numer części - TPA5051RSARG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA5051RSARG4 TI-TPA5051RSARG4 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

Podobny opis - TPA5051RSARG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26904 NJRC-NJU26904 Datasheet
208Kb / 18P
   Digital Audio Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com