Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX16245 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części 74VCX16245
Szczegółowy opis  Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX16245 Arkusz danych(HTML) 1 Page - ON Semiconductor

  74VCX16245_06 Datasheet HTML 1Page - ON Semiconductor 74VCX16245_06 Datasheet HTML 2Page - ON Semiconductor 74VCX16245_06 Datasheet HTML 3Page - ON Semiconductor 74VCX16245_06 Datasheet HTML 4Page - ON Semiconductor 74VCX16245_06 Datasheet HTML 5Page - ON Semiconductor 74VCX16245_06 Datasheet HTML 6Page - ON Semiconductor 74VCX16245_06 Datasheet HTML 7Page - ON Semiconductor 74VCX16245_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 7
1
Publication Order Number:
74VCX16245/D
74VCX16245
Low−Voltage 1.8/2.5/3.3V
16−Bit Transceiver
With 3.6 V−Tolerant Inputs and Outputs
(3−State, Non−Inverting)
The 74VCX16245 is an advanced performance, non−inverting
16−bit transceiver. It is designed for very high−speed, very low−power
operation in 1.8 V, 2.5 V or 3.3 V systems.
When operating at 2.5 V (or 1.8 V) the part is designed to tolerate
voltages it may encounter on either inputs or outputs when interfacing
to 3.3 V busses. It is guaranteed to be overvoltage tolerant to 3.6 V.
The VCX16245 is designed with byte control. It can be operated as
two separate octals, or with the controls tied together, as a 16−bit wide
function. The Transmit/Receive (T/Rn) inputs determine the direction
of data flow through the bi−directional transceiver. Transmit
(active−HIGH) enables data from A ports to B ports; Receive
(active−LOW) enables data from B to A ports. The Output Enable
inputs (OEn), when HIGH, disable both A and B ports by placing them
in a HIGH Z condition.
Features
Designed for Low Voltage Operation: VCC = 1.65−3.6 V
3.6 V Tolerant Inputs and Outputs
High Speed Operation: 2.5 ns max for 3.0 to 3.6 V
3.0 ns max for 2.3 to 2.7 V
6.0 ns max for 1.65 to 1.95 V
Static Drive: ±24 mA Drive at 3.0 V
±18 mA Drive at 2.3 V
±6 mA Drive at 1.65 V
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
Near Zero Static Supply Current in All Three Logic States (20 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds ±250 mA @ 125°C
ESD Performance: Human Body Model >2000 V;
Machine Model >200 V
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW = Work Week
TSSOP−48
DT SUFFIX
CASE 1201
1
48
VCX16245
AWLYYWW
48
Device
Package
Shipping
ORDERING INFORMATION
74VCX16245DT
TSSOP
39 / Rail
74VCX16245DTR
TSSOP
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
http://onsemi.com
1


Podobny numer części - 74VCX16245_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCX16245DT ONSEMI-74VCX16245DT Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
74VCX16245DTR ONSEMI-74VCX16245DTR Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
74VCX16245DTRG ONSEMI-74VCX16245DTRG Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
logo
Fairchild Semiconductor
74VCX16245G FAIRCHILD-74VCX16245G Datasheet
138Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX16245GX FAIRCHILD-74VCX16245GX Datasheet
138Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
More results

Podobny opis - 74VCX16245_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com