Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6010A4 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TPA6010A4
Szczegółowy opis  STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6010A4 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPA6010A4_07 Datasheet HTML 1Page - Texas Instruments TPA6010A4_07 Datasheet HTML 2Page - Texas Instruments TPA6010A4_07 Datasheet HTML 3Page - Texas Instruments TPA6010A4_07 Datasheet HTML 4Page - Texas Instruments TPA6010A4_07 Datasheet HTML 5Page - Texas Instruments TPA6010A4_07 Datasheet HTML 6Page - Texas Instruments TPA6010A4_07 Datasheet HTML 7Page - Texas Instruments TPA6010A4_07 Datasheet HTML 8Page - Texas Instruments TPA6010A4_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
TPA6010A4
SLOS268B – JUNE 2000 – REVISED AUGUST 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
TSSOP(1) (PWP)
-40
°C to 85°C
TPA6010A4PWP
(1)
The PWP package is available taped and reeled. To order a taped
and reeled part, add the suffix R to the part number (e.g.,
TPA6010A4PWPR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
BBENABLE is the bass boost control input. When this terminal is held high, the extra bass from the bass
BBENABLE
3
I
boost circuitry is added to the output signal. When this terminal is held low, no extra bass is added.
BBIN
21
I
BBIN is the buffered input to the power amplifier from the bass boost circuitry.
BBOUT is the bass boost output. A low pass filter must be placed from BBOUT to BBIN to select the low
BBOUT
20
O
frequencies to be boosted.
BYPASS
4
Tap to voltage divider for internal midsupply bias generator
If a 47-nF capacitor is attached, the TPA6010A4 generates an internal clock. An external clock can
CLK
27
I
override the internal clock input to this terminal.
The gain of the dockout buffer is adjustable from -52 dB to 8 dB to LDOCKOUT and RDOCKOUT, and is
BUFFGAIN
24
I
set by a dc voltage from 0 V to 3.54 V. When the dc level is over 3.54 V, the device is muted.
GND
1, 15
Ground connection for circuitry. Connected to thermal pad.
HP/LINE
13
I
MUX control input, hold high to select LHPIN or RHPIN, hold low to select LLINEIN or RLINEIN.
LHPIN
6
I
Left channel headphone input, selected when HP/LINE is held high
LIN
5
I
Common left input for fully differential input. AC ground for single-ended inputs
LLINEIN
7
I
Left channel line negative input, selected when HP/LINE is held low
LDOCKOUT is the buffered output of LLINEIN or LHPIN. Use BUFFGAIN for volume adjustment of this
LDOCKOUT
26
O
pin.
LOUT+
28
O
Left channel positive output in BTL mode and positive output in SE mode
LOUT-
2
O
Left channel negative output in BTL mode and high-impedance in SE mode
The input for PC Beep mode. PC-BEEP is enabled when a > 1.5-V (peak-to-peak) square wave is input to
PC-BEEP
8
I
PC-BEEP. AC ground if use is not desired.
PVDD
19, 25
I
Power supply for output stage
RHPIN
10
I
Right channel headphone input, selected when HP/LINE is held high
RIN
11
I
Common right input for fully differential input. AC ground for single-ended inputs
RLINEIN
9
I
Right channel line input, selected when HP/LINE is held low
RDOCKOUT is the buffered output of RLINEIN or RHPIN. Use BUFFGAIN for volume adjustment of this
RDOCKOUT
18
O
pin.
ROUT+
16
O
Right channel positive output in BTL mode and positive output in SE mode
ROUT-
14
O
Right channel negative output in BTL mode and high-impedance in SE mode
Output MUX control. When this terminal is high, SE outputs are selected. When this terminal is low, the
SE/BTL
17
I
BTL outputs are selected.
SHUTDOWN
12
I
When held low, this terminal places the entire device, except PC-BEEP detect circuitry, in shutdown mode.
VDD
22
I
Analog VDD input supply. This terminal needs to be isolated from PVDD to achieve highest performance.
VOLUME detects the dc level at the terminal and sets the gain for 31 discrete steps covering a range of 20
VOLUME
23
I
dB to -40 dB for dc levels of 0.15 V to 3.54. When the dc level is over 3.54 V, the device is muted.
Connect to GND. The pad must be soldered down in all applications in order to properly secure the device
Thermal Pad
to the PCB.
3


Podobny numer części - TPA6010A4_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWPR TI-TPA6010A4PWPR Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
More results

Podobny opis - TPA6010A4_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com