Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA4860DR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA4860DR
Szczegółowy opis  1-W MONO AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA4860DR Arkusz danych(HTML) 4 Page - Texas Instruments

  TPA4860DR Datasheet HTML 1Page - Texas Instruments TPA4860DR Datasheet HTML 2Page - Texas Instruments TPA4860DR Datasheet HTML 3Page - Texas Instruments TPA4860DR Datasheet HTML 4Page - Texas Instruments TPA4860DR Datasheet HTML 5Page - Texas Instruments TPA4860DR Datasheet HTML 6Page - Texas Instruments TPA4860DR Datasheet HTML 7Page - Texas Instruments TPA4860DR Datasheet HTML 8Page - Texas Instruments TPA4860DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA4860
SLOS164B – SEPTEMBER 1996 – REVISED JUNE 2004
at specified free-air temperature range, V
DD = 5 V (unless otherwise noted)
TPA4860
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
VOO
Output offset voltage
See (1)
5
20
mV
Supply ripple rejection ratio
VDD = 4.9 V to 5.1 V
70
dB
IDD
Supply current
3.5
mA
IDD(M)
Supply current, mute
750
µA
IDD(SD) Supply current, shutdown
0.6
µA
VIH
High-level input voltage (HP-IN)
2.5
V
VIL
Low-level input voltage (HP-IN)
2.5
V
VOH
High-level output voltage (HP-SENSE)
IO = 500 µA
2.5
2.8
V
VOL
Low-level output voltage (HP-SENSE)
IO = -500 µA
0.2
0.8
V
(1)
At 3 V < VDD < 5 V the dc output voltage is approximately VDD/2.
V
DD = 5 V, TA = 25°C, RL= 8 Ω
TPA4860
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
THD = 0.2%, f = 1 kHz,
AV = 2
1000
mW
PO
Output power (1)
THD = 2%, f = 1 kHz,
AV = 2
1100
mW
BOM
Maximum output power bandwidth
Gain = 10,
THD = 2%
20
kHz
B1
Unity-gain bandwidth
Open loop
1.5
MHz
BTL
f = 1 kHz
56
dB
Supply ripple rejection ratio
SE
f = 1 kHz
30
dB
Vn
Noise output voltage (2)
Gain = 2
20
µV
(1)
Output power is measured at the output terminals of the device.
(2)
Noise voltage is measured in a bandwidth of 20 Hz to 20 kHz.
4


Podobny numer części - TPA4860DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA4860D TI-TPA4860D Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA4860DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com