Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCXH16373DTR Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części 74VCXH16373DTR
Szczegółowy opis  Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH16373DTR Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button 74VCXH16373DTR Datasheet HTML 3Page - ON Semiconductor 74VCXH16373DTR Datasheet HTML 4Page - ON Semiconductor 74VCXH16373DTR Datasheet HTML 5Page - ON Semiconductor 74VCXH16373DTR Datasheet HTML 6Page - ON Semiconductor 74VCXH16373DTR Datasheet HTML 7Page - ON Semiconductor 74VCXH16373DTR Datasheet HTML 8Page - ON Semiconductor 74VCXH16373DTR Datasheet HTML 9Page - ON Semiconductor 74VCXH16373DTR Datasheet HTML 10Page - ON Semiconductor 74VCXH16373DTR Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
74VCXH16373
http://onsemi.com
7
Figure 4. AC Waveforms
WAVEFORM 1 − PROPAGATION DELAYS
tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VIH
0 V
VOH
VOL
Dn
On
tPHL
tPLH
Vm
Vm
Vm
Vm
Figure 5. AC Waveforms
WAVEFORM 2 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VIH
0 V
≈ 0V
OEn
On
tPZH
≈ VCC
tPHZ
tPZL
tPLZ
On
Vm
Vm
Vm
VOH
Vy
Vx
VOL
Vm
WAVEFORM 3 − LE to On PROPAGATION DELAYS, LE MINIMUM
PULSE WIDTH, Dn to LE SETUP AND HOLD TIMES
tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns except when noted
VIH
0 V
Dn
LEn
Vm
On
VIH
0 V
VOH
VOL
tPLH, tPHL
tw
Vm
Vm
Vm
th
ts
Vm
Table 1. AC WAVEFORMS
Symbol
VCC
3.3 V ± 0.3 V
2.5 V ± 0.2 V
1.8 V ± 0.15 V
VIH
2.7 V
VCC
VCC
Vm
1.5 V
VCC/2
VCC/2
Vx
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
Vy
VOH − 0.3 V
VOH − 0.15 V
VOH − 0.15 V


Podobny numer części - 74VCXH16373DTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
   SYMMETRICAL OUTPUT IMPEDANCE
February 2003
logo
Fairchild Semiconductor
74VCXH16373G FAIRCHILD-74VCXH16373G Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373MTD FAIRCHILD-74VCXH16373MTD Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
More results

Podobny opis - 74VCXH16373DTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16374 ONSEMI-74ALVC16374 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74ALVC16373 ONSEMI-74ALVC16373 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com