Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCXH16373DTRG Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części 74VCXH16373DTRG
Szczegółowy opis  Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH16373DTRG Arkusz danych(HTML) 5 Page - ON Semiconductor

  74VCXH16373DTRG Datasheet HTML 1Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 2Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 3Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 4Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 5Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 6Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 7Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 8Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74VCXH16373
http://onsemi.com
5
AC CHARACTERISTICS (Note 6; tR = tF = 2.0 ns; CL = 30 pF; RL = 500 W)
TA = −40°C to +85°C
VCC = 3.0 V to 3.6 V VCC = 2.3 V to 2.7 V
VCC = 1.65 V to 1.95 V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
Dn−to−On
1
0.8
0.8
3.0
3.0
1.0
1.0
3.4
3.4
1.5
1.5
6.8
6.8
ns
tPLH
tPHL
Propagation Delay
LE−to−On
1
0.8
0.8
3.0
3.0
1.0
1.0
3.9
3.9
1.5
1.5
7.8
7.8
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
0.8
0.8
3.5
3.5
1.0
1.0
4.6
4.6
1.5
1.5
9.2
9.2
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
0.8
0.8
3.5
3.5
1.0
1.0
3.8
3.8
1.5
1.5
6.8
6.8
ns
ts
Setup Time, High or Low
Dn−to−LE
3
1.5
1.5
2.5
ns
th
Hold Time, High or Low
Dn−to−LE
3
1.0
1.0
1.0
ns
tw
LE Pulse Width, High
3
1.5
1.5
4.0
ns
tOSHL
tOSLH
Output−to−Output Skew
(Note 7)
0.5
0.5
0.5
0.5
0.75
0.75
ns
6. For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
7. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
AC CHARACTERISTICS (tR = tF = 2.0 ns; CL = 50 pF; RL = 500 W)
TA = −40°C to +85°C
VCC = 3.0 V to 3.6 V
VCC = 2.7 V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
Dn−to−On
4
1.0
1.0
3.6
3.6
4.3
4.3
ns
tPLH
tPHL
Propagation Delay
LE−to−On
4
1.0
1.0
3.9
3.9
4.6
4.6
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
5
1.0
1.0
4.7
4.7
5.7
5.7
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
5
1.0
1.0
4.1
4.1
4.5
4.5
ns
tOSHL
tOSLH
Output−to−Output Skew
(Note 8)
0.5
0.5
0.5
0.5
ns
8. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.


Podobny numer części - 74VCXH16373DTRG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
   SYMMETRICAL OUTPUT IMPEDANCE
February 2003
logo
Fairchild Semiconductor
74VCXH16373G FAIRCHILD-74VCXH16373G Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373MTD FAIRCHILD-74VCXH16373MTD Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
More results

Podobny opis - 74VCXH16373DTRG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16374 ONSEMI-74ALVC16374 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74ALVC16373 ONSEMI-74ALVC16373 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com