Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E111 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC10E111
Szczegółowy opis  5V ECL 1:9 Differential Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E111 Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button MC10E111_06 Datasheet HTML 2Page - ON Semiconductor MC10E111_06 Datasheet HTML 3Page - ON Semiconductor MC10E111_06 Datasheet HTML 4Page - ON Semiconductor MC10E111_06 Datasheet HTML 5Page - ON Semiconductor MC10E111_06 Datasheet HTML 6Page - ON Semiconductor MC10E111_06 Datasheet HTML 7Page - ON Semiconductor MC10E111_06 Datasheet HTML 8Page - ON Semiconductor MC10E111_06 Datasheet HTML 9Page - ON Semiconductor MC10E111_06 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC10E111, MC100E111
http://onsemi.com
7
0
100
200
300
400
500
600
700
800
900
0
300
600
900
1200
1500
1800
2100
2400
1
2
3
4
5
6
7
8
9
Figure 6. Fmax/Jitter
FREQUENCY (MHz)
(JITTER)
Figure 7. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Podobny numer części - MC10E111_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E111FNG ONSEMI-MC10E111FNG Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111FNR2G ONSEMI-MC10E111FNR2G Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
More results

Podobny opis - MC10E111_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
ON Semiconductor
MC10E411 ONSEMI-MC10E411_06 Datasheet
127Kb / 8P
   5V ECL 1:9 Differential PECL/NECL RAMBus Clock Buffer
November, 2006 ??Rev. 8
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com