Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100E111 Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części MC100E111
Szczegółowy opis  5V ECL 1:9 Differential Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E111 Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button MC100E111 Datasheet HTML 2Page - ON Semiconductor MC100E111 Datasheet HTML 3Page - ON Semiconductor MC100E111 Datasheet HTML 4Page - ON Semiconductor MC100E111 Datasheet HTML 5Page - ON Semiconductor MC100E111 Datasheet HTML 6Page - ON Semiconductor MC100E111 Datasheet HTML 7Page - ON Semiconductor MC100E111 Datasheet HTML 8Page - ON Semiconductor MC100E111 Datasheet HTML 9Page - ON Semiconductor MC100E111 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MC10E111, MC100E111
http://onsemi.com
9
PACKAGE DIMENSIONS
PLCC−28
FN SUFFIX
PLASTIC PLCC PACKAGE
CASE 776−02
ISSUE E
−N−
−M−
−L−
V
W
D
D
Y BRK
28
1
VIEW S
S
L−M
S
0.010 (0.250)
N S
T
S
L−M
M
0.007 (0.180)
N S
T
0.004 (0.100)
G1
G
J
C
Z
R
E
A
SEATING
PLANE
S
L−M
M
0.007 (0.180)
N S
T
−T−
B
S
L−M
S
0.010 (0.250)
N S
T
S
L−M
M
0.007 (0.180)
N S
T
U
S
L−M
M
0.007 (0.180)
N S
T
Z
G1
X
VIEW D−D
S
L−M
M
0.007 (0.180)
N S
T
K1
VIEW S
H
K
F
S
L−M
M
0.007 (0.180)
N S
T
NOTES:
1. DATUMS −L−, −M−, AND −N− DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM −T−, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALLOWABLE MOLD FLASH IS
0.010 (0.250) PER SIDE.
4. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.485
0.495
12.32
12.57
B
0.485
0.495
12.32
12.57
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.019
0.33
0.48
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
−−−
0.51
−−−
K
0.025
−−−
0.64
−−−
R
0.450
0.456
11.43
11.58
U
0.450
0.456
11.43
11.58
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
−−−
0.020
−−−
0.50
Z
2
10
2
10
G1
0.410
0.430
10.42
10.92
K1
0.040
−−−
1.02
−−−
__
_
_


Podobny numer części - MC100E111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100E111 ONSEMI-MC100E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
MC100E111FNG ONSEMI-MC100E111FNG Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC100E111FNR2G ONSEMI-MC100E111FNR2G Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
More results

Podobny opis - MC100E111

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
ON Semiconductor
MC10E411 ONSEMI-MC10E411_06 Datasheet
127Kb / 8P
   5V ECL 1:9 Differential PECL/NECL RAMBus Clock Buffer
November, 2006 ??Rev. 8
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com