Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10E445FNG Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC10E445FNG
Szczegółowy opis  5V ECL 4-Bit Serial/Parallel Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E445FNG Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button MC10E445FNG Datasheet HTML 3Page - ON Semiconductor MC10E445FNG Datasheet HTML 4Page - ON Semiconductor MC10E445FNG Datasheet HTML 5Page - ON Semiconductor MC10E445FNG Datasheet HTML 6Page - ON Semiconductor MC10E445FNG Datasheet HTML 7Page - ON Semiconductor MC10E445FNG Datasheet HTML 8Page - ON Semiconductor MC10E445FNG Datasheet HTML 9Page - ON Semiconductor MC10E445FNG Datasheet HTML 10Page - ON Semiconductor MC10E445FNG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MC10E445, MC100E445
http://onsemi.com
7
Table 8. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 13)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Conversion Frequency
2.0
2.0
2.0
Gb/s
NRZ
tPLH
tPHL
Propagation Delay to Output
CLK to Q, Reset to Q
CLK to SOUT (Diff)
CLK to CL/4(Diff)
CLK to CL/8(Diff)
1500
800
1100
1100
1800
975
1325
1325
2100
1150
1550
1550
1500
800
1100
1100
1800
975
1325
1325
2100
1150
1550
1550
1500
800
1100
1100
1800
975
1325
1325
2100
1150
1550
1550
ps
ts
Setup Time
SINA, SINB
SEL
−100
0
−250
−200
−100
0
−250
−200
−100
0
−250
−200
ps
th
Hold Time
SINA, SINB, SEL
450
300
450
300
450
300
ps
tRR
Reset Recovery Time
500
300
500
300
500
300
ps
tPW
Minimum Pulse Width
CLK, MR
400
400
400
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
1000
150
1000
150
1000
mV
tr
tf
Rise/Fall Times 20%−80%
SOUT
Other
100
200
225
425
350
650
100
200
225
425
350
650
100
200
225
425
350
650
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
13.10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
14.Devices are designed to meet the AC specifications shown in the above table, after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
Reset
CLK / CLK
tRR
Figure 3.


Podobny numer części - MC10E445FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
More results

Podobny opis - MC10E445FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com