Zakładka z wyszukiwarką danych komponentów |
|
MC100ELT28MNR4G Arkusz danych(PDF) 4 Page - ON Semiconductor |
|
MC100ELT28MNR4G Arkusz danych(HTML) 4 Page - ON Semiconductor |
4 / 9 page MC10ELT28, MC100ELT28 http://onsemi.com 4 Table 7. TTL INPUT DC CHARACTERISTICS VCC = 4.75 V to 5.25 V; TA = −40°C to 85°C Symbol Characteristic Condition Min Typ Max Unit IIH Input HIGH Current VIN = 2.7 V 20 mA IIHH Input HIGH Current VIN = 7.0 V 100 mA IIL Input LOW Current VIN = 0.5 V −0.6 mA VIK Input Clamp Diode Voltage IIN = −18 mA −1.2 V VIH Input HIGH Voltage 2.0 V VIL Input LOW Voltage 0.8 V NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. Table 8. AC CHARACTERISTICS VCC = 4.75 V to 5.25 V (Note 8) Symbol Characteristic −40°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max fmax Maximum Toggle Frequency TBD 100 TBD MHz tPLH Propagation Delay @ 1.5 V DECL to QTTL DTTL to QECL 2.0 0.6 5.5 1.2 2.0 0.9 1.2 5.5 1.5 2.0 0.6 5.5 1.35 ns tPHL Propagation Delay @ 1.5 V DECL to QTTL DTTL to QECL 2.0 0.4 5.5 1.0 2.0 0.5 0.8 5.5 1.1 2.0 0.7 5.5 1.3 ns tr, tf Rise/Fall Times QECL (20% − 80%) 0.15 1.5 0.15 1.5 0.15 1.5 ns VPP PECL Input Swing (Note 9) 200 1000 200 1000 200 1000 mV tr/tf Output Rise Time (10% − 90%) Output Fall Time (10% − 90%) 1.6 1.1 ns ns NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 8. RL = 500 W to GND and CL = 20 pF to GND. Refer to Figure 2. 9. VPP(min) is the minimum input swing for which AC parameters are guaranteed. |
Podobny numer części - MC100ELT28MNR4G |
|
Podobny opis - MC100ELT28MNR4G |