Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EL01DT Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC100EL01DT
Szczegółowy opis  5V ECL 4-Input OR/NOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL01DT Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC100EL01DT Datasheet HTML 1Page - ON Semiconductor MC100EL01DT Datasheet HTML 2Page - ON Semiconductor MC100EL01DT Datasheet HTML 3Page - ON Semiconductor MC100EL01DT Datasheet HTML 4Page - ON Semiconductor MC100EL01DT Datasheet HTML 5Page - ON Semiconductor MC100EL01DT Datasheet HTML 6Page - ON Semiconductor MC100EL01DT Datasheet HTML 7Page - ON Semiconductor MC100EL01DT Datasheet HTML 8Page - ON Semiconductor MC100EL01DT Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC10EL01, MC100EL01
http://onsemi.com
5
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 3.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10EL01D
SOIC−8
98 Units / Rail
MC10EL01DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10EL01DR2
SOIC−8
2500 / Tape & Reel
MC10EL01DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10EL01DT
TSSOP−8
100 Units / Rail
MC10EL01DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10EL01DTR2
TSSOP−8
2500 / Tape & Reel
MC10EL01DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10EL01MNR4
DFN8
1000 / Tape & Reel
MC10EL01MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100EL01D
SOIC−8
98 Units / Rail
MC100EL01DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100EL01DR2
SOIC−8
2500 / Tape & Reel
MC100EL01DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100EL01DT
TSSOP−8
100 Units / Rail
MC100EL01DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100EL01DTR2
TSSOP−8
2500 / Tape & Reel
MC100EL01DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100EL01MNR4
DFN8
1000 / Tape & Reel
MC100EL01MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Podobny numer części - MC100EL01DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EL01DTG ONSEMI-MC100EL01DTG Datasheet
156Kb / 7P
   5V ECL 4?륤nput OR/NOR
July, 2016 ??Rev. 7
More results

Podobny opis - MC100EL01DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01 Datasheet
83Kb / 10P
   3.3V / 5V ECL 4-Input OR/NOR
June, 2004 ??Rev. 6
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC10EP01 ONSEMI-MC10EP01_06 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
logo
Arizona Microtek, Inc
AZ10EL01 AZM-AZ10EL01 Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01_16 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
MC10EP101 ONSEMI-MC10EP101_06 Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
logo
ON Semiconductor
MC100LVEL01 ONSEMI-MC100LVEL01_16 Datasheet
155Kb / 6P
   3.3 V ECL 4-Input OR/NOR
July, 2016 ??Rev. 5
MC10E101 ONSEMI-MC10E101 Datasheet
69Kb / 8P
   5V ECL Quad 4짯Input OR/NOR Gate
November, 2003 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com