Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ11021 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MJ11021
Szczegółowy opis  Complementary Darlington Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11021 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MJ11021 Datasheet HTML 1Page - ON Semiconductor MJ11021 Datasheet HTML 2Page - ON Semiconductor MJ11021 Datasheet HTML 3Page - ON Semiconductor MJ11021 Datasheet HTML 4Page - ON Semiconductor MJ11021 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MJ11021(PNP)
MJ11022 (NPN)
http://onsemi.com
3
t, TIME (ms)
1.0
0.01
0.01
0.1
1.0
1.0
100
RqJC(t) = r(t) RqJC
RqJC(t) = 0.86°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
SINGLE PULSE
1000
D = 0.5
0.2
0.05
DUTY CYCLE, D = t1/t2
Figure 3. Thermal Response
0.05
0.03
0.02
0.07
0.5
0.3
0.2
0.7
0.02
0.03 0.05
0.2
0.3 0.5
2.0
3.0 5.0
200 300
500
10
20
30
50
0.1
0.02
0.01
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
5.0
10
20
200
3.0
50
100
Figure 4. Maximum Rated Forward Bias Safe
Operating Area (FBSOA)
0.3
0.2
0
0.5
7.0
30
70
150
dc
0.1 ms
3.0
2.0
1.0
5.0
30
20
10
TJ = 175°C
SECOND BREAKDOWN LIMIT
BONDING WIRE LIMIT
THERMAL LIMITATION @ TC = 25°C
SINGLE PULSE
0.5ms
1.0ms
5.0ms
FORWARD BIAS
There are two limitations on the power handling ability of
a transistor average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 4 is based on TJ(pk) = 175_C, TC is
variable dependIng on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 175_C. TJ(pk) may be calculated from the data in
Figure 3. At high case temperatures thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
20
100
140
260
0
180
220
60
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
20
0
Figure 5. Maximum RBSOA, Reverse Bias Safe
Operating Area
10
30
L = 200
mH
IC/IB1 ≥ 50
TC = 25°C
VBE(off) 0 − 5.0 V
RBE = 47 W
DUTY CYLE = 10%
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn−off, in most cases,
with the base to emitter junction reverse biased. Under these
conditions the collector voltage must be hold to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping, RC
snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage−current conditions during
reverse biased turn−off. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 5 gives ROSOA characteristics.


Podobny numer części - MJ11021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
MJ11021 MOSPEC-MJ11021 Datasheet
206Kb / 4P
   POWER TRANSISTORS(15A,150-250V,175W)
logo
Motorola, Inc
MJ11021 MOTOROLA-MJ11021 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
ON Semiconductor
MJ11021 ONSEMI-MJ11021 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
MJ11021 ONSEMI-MJ11021 Datasheet
132Kb / 5P
   Complementary Darlington Silicon Power Transistors
September, 2008 ??Rev. 3
MJ11021G ONSEMI-MJ11021G Datasheet
132Kb / 5P
   Complementary Darlington Silicon Power Transistors
September, 2008 ??Rev. 3
More results

Podobny opis - MJ11021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com