Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP11DT Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC10EP11DT
Szczegółowy opis  3.3V / 5V ECL 1:2 Differential Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP11DT Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC10EP11DT Datasheet HTML 1Page - ON Semiconductor MC10EP11DT Datasheet HTML 2Page - ON Semiconductor MC10EP11DT Datasheet HTML 3Page - ON Semiconductor MC10EP11DT Datasheet HTML 4Page - ON Semiconductor MC10EP11DT Datasheet HTML 5Page - ON Semiconductor MC10EP11DT Datasheet HTML 6Page - ON Semiconductor MC10EP11DT Datasheet HTML 7Page - ON Semiconductor MC10EP11DT Datasheet HTML 8Page - ON Semiconductor MC10EP11DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC10EP11, MC100EP11
http://onsemi.com
5
Table 7. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 11)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
26
35
44
26
35
44
26
35
46
mA
VOH
Output HIGH Voltage (Note 12)
2155 2280 2405 2155 2280 2405 2155 2280 2405
mV
VOL
Output LOW Voltage (Note 12)
1355 1480 1605 1355 1480 1605 1355 1480 1605
mV
VIH
Input HIGH Voltage (Single−Ended)
2075
2420 2075
2420 2075
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1355
1675 1355
1675 1355
1675
mV
VIHCMR
Input HIGH Voltage Common Mode Range (Dif-
ferential Configuration) (Note 13)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
12.All loading with 50 W to VCC − 2.0 V.
13.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 8. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 14)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
26
35
44
26
35
44
26
35
46
mA
VOH
Output HIGH Voltage (Note 15)
3855 3980 4105 3855 3980 4105 3855 3980 4105
mV
VOL
Output LOW Voltage (Note 15)
3055 3180 3305 3055 3180 3305 3055 3180 3305
mV
VIH
Input HIGH Voltage (Single−Ended)
3775
4120 3775
4120 3775
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3055
3375 3055
3375 3055
3375
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 16)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14.Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
15.All loading with 50 W to VCC − 2.0 V.
16.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Podobny numer części - MC10EP11DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP11DT ONSEMI-MC10EP11DT Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC10EP11DTG ONSEMI-MC10EP11DTG Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10EP11DTR2 ONSEMI-MC10EP11DTR2 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC10EP11DTR2G ONSEMI-MC10EP11DTR2G Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
More results

Podobny opis - MC10EP11DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11 MICREL-SY10EL11 Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11V MICREL-SY10EL11V_14 Datasheet
289Kb / 10P
   5V/3.3V 1:2 Differential Fanout Buffer
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com