Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP29 Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części MC10EP29
Szczegółowy opis  3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP29 Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button MC10EP29_06 Datasheet HTML 3Page - ON Semiconductor MC10EP29_06 Datasheet HTML 4Page - ON Semiconductor MC10EP29_06 Datasheet HTML 5Page - ON Semiconductor MC10EP29_06 Datasheet HTML 6Page - ON Semiconductor MC10EP29_06 Datasheet HTML 7Page - ON Semiconductor MC10EP29_06 Datasheet HTML 8Page - ON Semiconductor MC10EP29_06 Datasheet HTML 9Page - ON Semiconductor MC10EP29_06 Datasheet HTML 10Page - ON Semiconductor MC10EP29_06 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MC10EP29, MC100EP29
http://onsemi.com
11
PACKAGE DIMENSIONS
X
M
0.10 (0.004)
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.00 BSC
0.157 BSC
B
4.00 BSC
0.157 BSC
C
0.80
1.00
0.031
0.039
D
0.23
0.35
0.009
0.014
G
0.50 BSC
0.020 BSC
H
1.38
1.43
0.054
0.056
J
0.20 REF
0.008 REF
K
0.00
0.05
0.000
0.002
L
0.35
0.45
0.014
0.018
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION D APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND 0.30 MM
FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED PAD
AS WELL AS THE TERMINALS.
−T−
−X−
NOTE 3
SEATING
PLANE
L
A
M
−Y−
B
N
0.25 (0.010) T
0.25 (0.010) T
J
C
K
R
0.08 (0.003) T
E
H
F
P
D
Y
1
5
6
15
11
20
16
E
2.75
2.85
0.108
0.112
F
2.75
2.85
0.108
0.112
M
2.00 BSC
0.079 BSC
N
2.00 BSC
0.079 BSC
P
1.38
1.43
0.054
0.056
R
0.60
0.80
0.024
0.031
G
10
QFN−20
CASE 485E−01
ISSUE O
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC10EP29/D
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Podobny numer części - MC10EP29_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP29DT ONSEMI-MC10EP29DT Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
MC10EP29DTG ONSEMI-MC10EP29DTG Datasheet
111Kb / 10P
   ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
April, 2014 ??Rev. 9
MC10EP29DTR2 ONSEMI-MC10EP29DTR2 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
MC10EP29DTR2G ONSEMI-MC10EP29DTR2G Datasheet
111Kb / 10P
   ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
April, 2014 ??Rev. 9
MC10EP29MNG ONSEMI-MC10EP29MNG Datasheet
111Kb / 10P
   ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
April, 2014 ??Rev. 9
More results

Podobny opis - MC10EP29_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com