Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV165A Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części 74LV165A
Szczegółowy opis  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74LV165A Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button 74LV165A Datasheet HTML 3Page - Texas Instruments 74LV165A Datasheet HTML 4Page - Texas Instruments 74LV165A Datasheet HTML 5Page - Texas Instruments 74LV165A Datasheet HTML 6Page - Texas Instruments 74LV165A Datasheet HTML 7Page - Texas Instruments 74LV165A Datasheet HTML 8Page - Texas Instruments 74LV165A Datasheet HTML 9Page - Texas Instruments 74LV165A Datasheet HTML 10Page - Texas Instruments 74LV165A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN54LV165A, SN74LV165A
PARALLELLOAD 8BIT SHIFT REGISTERS
SCLS402K − APRIL 1998 − REVISED APRIL 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
50*
80*
45*
45
MHz
fmax
CL = 50 pF
40
65
35
35
MHz
CLK
12.2*
19.8*
1*
22*
1
22
tpd
SH/LD
QH or QH
CL = 15 pF
13.1*
21.5*
1*
23.5*
1
23.5
ns
tpd
H
QH or QH
CL = 15 pF
12.9*
21.7*
1*
24*
1
24
ns
CLK
15.3
23.3
1
26
1
26
tpd
SH/LD
QH or QH
CL = 50 pF
16.1
25.1
1
28
1
28
ns
tpd
H
QH or QH
CL = 50 pF
15.9
25.3
1
28
1
28
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
65*
115*
55*
55
MHz
fmax
CL = 50 pF
60
90
50
50
MHz
CLK
8.6*
15.4*
1*
18*
1
18
tpd
SH/LD
QH or QH
CL = 15 pF
9.1*
15.8*
1*
18.5*
1
18.5
ns
tpd
H
QH or QH
CL = 15 pF
8.9*
14.1*
1*
16.5*
1
16.5
ns
CLK
10.9
14.9
1
16.9
1
16.9
tpd
SH/LD
QH or QH
CL = 50 pF
11.3
19.3
1
22
1
22
ns
tpd
H
QH or QH
CL = 50 pF
11.1
17.6
1
20
1
20
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
110*
165*
90*
90
MHz
fmax
CL = 50 pF
95
125
85
85
MHz
CLK
6*
9.9*
1*
11.5*
1
11.5
tpd
SH/LD
QH or QH
CL = 15 pF
6*
9.9*
1*
11.5*
1
11.5
ns
tpd
H
QH or QH
CL = 15 pF
6*
9*
1*
10.5*
1
10.5
ns
CLK
7.7
11.9
1
13.5
1
13.5
tpd
SH/LD
QH or QH
CL = 50 pF
7.7
11.9
1
13.5
1
13.5
ns
tpd
H
QH or QH
CL = 50 pF
7.6
11
1
12.5
1
12.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
36.1
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
37.5
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Podobny numer części - 74LV165A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV165A PHILIPS-74LV165A Datasheet
102Kb / 18P
   8-bit parallel-in/serial-out shift register
2003 Jul 23
logo
Nexperia B.V. All right...
74LV165A NEXPERIA-74LV165A Datasheet
810Kb / 19P
   8-bit parallel-in/serial-out shift register
Rev. 4 - 28 March 2014
74LV165A-Q100 NEXPERIA-74LV165A-Q100 Datasheet
779Kb / 19P
   8-bit parallel-in/serial-out shift register
logo
NXP Semiconductors
74LV165AD PHILIPS-74LV165AD Datasheet
102Kb / 18P
   8-bit parallel-in/serial-out shift register
2003 Jul 23
logo
Nexperia B.V. All right...
74LV165AD NEXPERIA-74LV165AD Datasheet
810Kb / 19P
   8-bit parallel-in/serial-out shift register
Rev. 4 - 28 March 2014
More results

Podobny opis - 74LV165A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com