Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP35 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100EP35
Szczegółowy opis  3.3V / 5V ECL JK Flip?묯lop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP35 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100EP35 Datasheet HTML 1Page - ON Semiconductor MC100EP35 Datasheet HTML 2Page - ON Semiconductor MC100EP35 Datasheet HTML 3Page - ON Semiconductor MC100EP35 Datasheet HTML 4Page - ON Semiconductor MC100EP35 Datasheet HTML 5Page - ON Semiconductor MC100EP35 Datasheet HTML 6Page - ON Semiconductor MC100EP35 Datasheet HTML 7Page - ON Semiconductor MC100EP35 Datasheet HTML 8Page - ON Semiconductor MC100EP35 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 5
1
Publication Order Number:
MC10EP35/D
MC10EP35, MC100EP35
3.3V / 5VECL JK Flip−Flop
Description
The MC10/100EP35 is a higher speed/low voltage version of the
EL35 JK flip−flop. The J/K data enters the master portion of the
flip−flop when the clock is LOW and is transferred to the slave, and
thus the outputs, upon a positive transition of the clock. The reset pin is
asynchronous and is activated with a logic HIGH.
The 100 Series contains temperature compensation.
Features
410 ps Propagation Delay
Maximum Frequency > 3 GHz Typical
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
Q Output Will Default LOW with Inputs Open or at VEE
Pb−Free Packages are Available
*For additional marking information, refer to
Application Note AND8002/D.
H
= MC10
A = Assembly Location
K
= MC100 L
= Wafer Lot
5R = MC10
Y = Year
3M = MC100 W = Work Week
M = Date Code
G
= Pb−Free Package
ALYWG
G
HP35
ALYWG
G
KP35
MARKING
DIAGRAMS*
SOIC−8
D SUFFIX
CASE 751
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
1
8
HEP35
ALYW
G
1
8
KEP35
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
14
(Note: Microdot may be in either location)


Podobny numer części - MC100EP35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP35D ONSEMI-MC100EP35D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP35DG ONSEMI-MC100EP35DG Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
MC100EP35DR2G ONSEMI-MC100EP35DR2G Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
MC100EP35DTG ONSEMI-MC100EP35DTG Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
MC100EP35DTR2G ONSEMI-MC100EP35DTR2G Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
More results

Podobny opis - MC100EP35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EL35 ONSEMI-MC10EL35_06 Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP35 ONSEMI-MC10EP35_16 Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
MC74AC109 ONSEMI-MC74AC109 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC100LVEL30 ONSEMI-MC100LVEL30_06 Datasheet
114Kb / 6P
   3.3V ECL Triple D Flip?묯lop with Set and Reset
November, 2006 ??Rev. 7
MC10EL35 ONSEMI-MC10EL35_16 Datasheet
157Kb / 7P
   5 V ECL JK Flip?륡lop
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com