Zakładka z wyszukiwarką danych komponentów |
|
MC10EP32DTG Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
MC10EP32DTG Arkusz danych(HTML) 2 Page - ON Semiconductor |
2 / 11 page MC10EP32, MC100EP32 http://onsemi.com 2 1 2 3 45 6 7 8 Q VEE VCC Figure 1. 8−Lead Pinout (Top View) and Logic Diagram CLK Q CLK VBB RESET R B2 Table 1. PIN DESCRIPTION Pin Function CLK, CLK* ECL Clock Inputs Reset* ECL Asynchronous Reset VBB Reference Voltage Output Q, Q ECL Data Outputs VCC Positive Supply VEE Negative Supply EP Exposed pad must be connected to a sufficient thermal conduit. Electrically connect to the most negative supply or leave floating open. *Pins will default LOW when left open. Table 2. TRUTH TABLE CLK CLK RESET Q Q X Z X Z Z L L F H F Z = LOW to HIGH Transition Z = HIGH to LOW Transition F = Divide by 2 Function Figure 2. Timing Diagram CLK RESET Q tRR Table 3. ATTRIBUTES Characteristics Value Internal Input Pulldown Resistor 75 kW Internal Input Pullup Resistor N/A ESD Protection Human Body Model Machine Model Charged Device Model > 4 kV > 200 V > 2 kV Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) Pb Pkg Pb−Free Pkg SOIC−8 TSSOP−8 DFN8 Level 1 Level 1 Level 1 Level 1 Level 3 Level 1 Flammability Rating Oxygen Index: 28 to 34 UL 94 V−0 @ 0.125 in Transistor Count 78 Devices Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. |
Podobny numer części - MC10EP32DTG |
|
Podobny opis - MC10EP32DTG |