Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP445FAR2G Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC100EP445FAR2G
Szczegółowy opis  3.3V/5V ECL 8?묪it Serial/Parallel Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP445FAR2G Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button MC100EP445FAR2G Datasheet HTML 3Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 4Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 5Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 6Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 7Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 8Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 9Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 10Page - ON Semiconductor MC100EP445FAR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MC10EP445, MC100EP445
http://onsemi.com
7
Table 10. 100EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −5.5 V to −3.0 V (Note 20)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current (Note 21)
95
119
143
98
122
146
100
125
150
mA
VOH
Output HIGH Voltage (Note 22)
−1145
−1020
−895
−1145
−1020
−895
−1145
−1020
−895
mV
VOL
Output LOW Voltage (Note 22)
−1945
−1820
−1695
−1945
−1820
−1695
−1945
−1820
−1695
mV
VIH
Input HIGH Voltage (Single−Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1625
−1945
−1625
−1945
−1625
mV
VBB
Output Voltage Reference
−1525
−1425
−1325
−1525
−1425
−1325
−1525
−1425
−1325
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 23)
VEE + 2.0
0.0
VEE + 2.0
0.0
VEE + 2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
20. Input and output parameters vary 1:1 with VCC.
21. Required 500 lfpm air flow when using −5.0 V power supply. For (VCC − VEE) > 3.3 V, 5 W to 10 W in line with VEE required for maximum
thermal protection at elevated temperatures. Recommend VCC − VEE operation at v 3.3 V.
22. All loading with 50
W to VCC − 2.0 V.
23. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 24)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Input CLK Frequency
CKSEL = LOW
(See Figure 12. Fmax/JITTER)
CKSEL = HIGH
2.0
2.8
2.5
3.3
2.0
2.8
2.5
3.3
1.7
2.8
2.2
3.3
GHz
tPLH,
tPHL
Propagation Delay to
CLK to Q
Output Differential
CLK TO PCLK
1280
1000
1475
1240
1710
1490
1335
1050
1557
1310
1795
1580
1450
1140
1663
1420
1950
1710
ps
ts
Setup Time
SINA, B+ TO CLK+ (Figure 4)
CKEN+ TO CLK− (Figure 5)
−400
100
−459
50
−420
100
−479
50
−440
100
−492
50
ps
th
Hold Time
CLK+ TO SINA, B− (Figure 4)
CLK− TO CKEN (Figure 5)
533
45
474
−35
550
45
490
−35
560
45
508
−35
ps
tRR/tRR2
Reset Recovery (Figure 3)
350
180
350
180
350
180
ps
tPW
Minimum Pulse Width
RESET
400
400
400
ps
tJITTER
RMS Random Clock Jitter
@ 2.0 GHz CLK_SEL LOW
@ 2.5 GHz CLK_SELF HIGH
@ 3.0 GHz CLK_SEL HIGH
1.5
1.0
1.5
1.5
1.0
2.0
1.5
1.5
2.5
ps
VPP
Input Voltage Swing (Differential Configuration)
(Note 25)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q/Q
(20% − 80%)
PCLK/PCLK
100
100
180
180
400
250
100
100
200
200
400
300
125
125
230
230
425
325
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
24. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V.
25. VPP(min) is the minimum input swing for which AC parameters are guaranteed.


Podobny numer części - MC100EP445FAR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP445FAR2G ONSEMI-MC100EP445FAR2G Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
More results

Podobny opis - MC100EP445FAR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC74HC164A ONSEMI-MC74HC164A_06 Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
MC10E155 ONSEMI-MC10E155_06 Datasheet
126Kb / 8P
   5V ECL 6?묪it 2:1 Mux?묹atch
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com