Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H330 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10H330
Szczegółowy opis  Quad Bus Driver/Receiver with 2?뭪o?? Output Multiplexers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H330 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10H330_06 Datasheet HTML 1Page - ON Semiconductor MC10H330_06 Datasheet HTML 2Page - ON Semiconductor MC10H330_06 Datasheet HTML 3Page - ON Semiconductor MC10H330_06 Datasheet HTML 4Page - ON Semiconductor MC10H330_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H330
http://onsemi.com
3
21
22
23
2
3
16
17
18
14
19
20
11
5
6
10
7
8
9
MULTIPLEXER TRUTH TABLE
RECEIVER TRUTH TABLE
OE SWBus
XBus YBus ZBus
RE
Win
Xin
Yin
Zin
H
L
L
X
L
H
−2.0 V
W0
W1
−2.0 V
X0
X1
−2.0 V
Y0
Y1
−2.0 V
Z0
Z1
H
L
L
WBus
L
XBus
L
YBus
L
ZBus
VCC0 = PIN 24
VCC
= PIN 1
VCC0 = PIN 13
VCC0 = PIN 4
VEE
= PIN 12
W1
W0
OE
S
RE
WBUS
XBUS
YBUS
ZBUS
X1
X0
Y1
Y0
Z1
Z0
WIN
YIN
ZIN
XIN
15
LOGIC DIAGRAM
ORDERING INFORMATION
Device
Package
Shipping
MC10H330FN
PLCC−28
37 Units / Rail
MC10H330FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC10H330FNR2
PLCC−28
500 / Tape & Reel
MC10H330FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
MC10H330L
CDIP−24
15 Unit / Rail
MC10H330P
PDIP−24
15 Unit / Rail
MC10H330PG
PDIP−24
(Pb−Free)
15 Unit / Rail


Podobny numer części - MC10H330_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H330FN ONSEMI-MC10H330FN Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
MC10H330FNR2 ONSEMI-MC10H330FNR2 Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
MC10H330L ONSEMI-MC10H330L Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
MC10H330LR2 ONSEMI-MC10H330LR2 Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
MC10H330P ONSEMI-MC10H330P Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
More results

Podobny opis - MC10H330_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H330 ONSEMI-MC10H330 Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
MC10H332 ONSEMI-MC10H332 Datasheet
106Kb / 4P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
1996 REV 5
MC10H332 ONSEMI-MC10H332_06 Datasheet
139Kb / 5P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
February, 2006 ??Rev. 7
logo
LG Semicon Co.,Ltd.
GD74HCT298 LG-GD74HCT298 Datasheet
272Kb / 6P
   QUAD 2-INPUT MULTIPLEXERS WITH OUTPUT LATCH
logo
ON Semiconductor
MC10H334 ONSEMI-MC10H334_06 Datasheet
135Kb / 5P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
February, 2006 ??Rev. 7
MC10H334 ONSEMI-MC10H334 Datasheet
105Kb / 4P
   Quad Bus Driver/Receiver with Transmit and Receiver Latches
1996 REV 5
logo
Advanced Micro Devices
AM8T28 AMD-AM8T28 Datasheet
292Kb / 5P
   Schottky Three-State Quad Bus Driver/Receiver
logo
Motorola, Inc
MC10129 MOTOROLA-MC10129 Datasheet
113Kb / 7P
   Quad Bus Receiver
logo
Hitachi Semiconductor
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
   Quad. 2-input Multiplexers (with storage)
HD74HC298 HITACHI-HD74HC298 Datasheet
43Kb / 8P
   Quad. 2-input Multiplexers (with storage)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com