Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H125 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC10H125
Szczegółowy opis  Quad MECL?뭪o?뭈TL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H125 Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC10H125_06 Datasheet HTML 1Page - ON Semiconductor MC10H125_06 Datasheet HTML 2Page - ON Semiconductor MC10H125_06 Datasheet HTML 3Page - ON Semiconductor MC10H125_06 Datasheet HTML 4Page - ON Semiconductor MC10H125_06 Datasheet HTML 5Page - ON Semiconductor MC10H125_06 Datasheet HTML 6Page - ON Semiconductor MC10H125_06 Datasheet HTML 7Page - ON Semiconductor MC10H125_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10H125
http://onsemi.com
4
Table 4. AC CHARACTERISTICS
Symbol
Characteristic
25°
75°
Unit
Min
Max
Min
Max
Min
Max
tpd
Propagation Delay
0.8
3.3
0.85
3.35
0.9
3.4
ns
tr
Rise Time (Note 5)
0.3
1.2
0.3
1.2
0.3
1.2
ns
tf
Fall Time (Note 5)
0.3
1.2
0.3
1.2
0.3
1.2
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Output Voltage = 1.0 V to 2.0 V. RL = 500 W to GND and CL = 25 pF to GND. Refer to Figure 1.
Figure 1. TTL Output Loading Used for Device Evaluation
CHARACTERISTIC TEST
CL*RL
AC TEST LOAD
GND
*CL includes
fixture
capacitance
APPLICATION
TTL RECEIVER
APPLICATION INFORMATION
The MC10H125 incorporates differential inputs and
Schottky TTL “totem pole” outputs. Differential inputs
allow for use as an inverting/non−inverting translator or as
a differential line receiver. The VBB reference voltage is
available on Pin 1 for use in single−ended input biasing. The
outputs of the MC10H125 go to a low−logic level whenever
the inputs are left floating, and a high−logic output level is
achieved with a minimum input level of 150 mVp−p.
An advantage of this device is that MECL−level
information can be received, via balanced twisted pair lines,
in the TTL equipment. This isolates the MECL−logic from
the noisy TTL environment. Power supply requirements are
ground, +5.0 V and −5.2 V.


Podobny numer części - MC10H125_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H125FN ONSEMI-MC10H125FN Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10H125FNG ONSEMI-MC10H125FNG Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
MC10H125FNR2G ONSEMI-MC10H125FNR2G Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
MC10H125L ONSEMI-MC10H125L Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10H125M ONSEMI-MC10H125M Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
More results

Podobny opis - MC10H125_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10H125 ONSEMI-MC10H125_16 Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H124 ONSEMI-MC10H124 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
logo
ON Semiconductor
MC10H330 ONSEMI-MC10H330_06 Datasheet
150Kb / 5P
   Quad Bus Driver/Receiver with 2?뭪o?? Output Multiplexers
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com