Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H136FNG Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC10H136FNG
Szczegółowy opis  Universal Hexadecimal Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H136FNG Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC10H136FNG Datasheet HTML 1Page - ON Semiconductor MC10H136FNG Datasheet HTML 2Page - ON Semiconductor MC10H136FNG Datasheet HTML 3Page - ON Semiconductor MC10H136FNG Datasheet HTML 4Page - ON Semiconductor MC10H136FNG Datasheet HTML 5Page - ON Semiconductor MC10H136FNG Datasheet HTML 6Page - ON Semiconductor MC10H136FNG Datasheet HTML 7Page - ON Semiconductor MC10H136FNG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10H136
http://onsemi.com
5
APPLICATION INFORMATION
The MC10H136 is a high speed synchronous counter that
operates at 250 MHz. Counter operating modes include
count up, count down, pre-set and hold count. This device
allows the designer to use one basic counter for many
applications.
The S1, S2, control lines determine the operating modes
of the counter. In the pre-set mode, a clock pulse is necessary
to load the counter with the information present on the data
inputs (D0, D1, D2, and D3). Carry out goes low on the
terminal count or when the counter is being pre-set.
ORDERING INFORMATION
Device
Package
Shipping
MC10H136FN
PLLC−20
46 Units / Rail
MC10H136FNG
PLLC−20
(Pb−Free)
46 Units / Rail
MC10H136FNR2
PLLC−20
500 / Tape & Reel
MC10H136FNR2G
PLLC−20
(Pb−Free)
500 / Tape & Reel
MC10H136L
CDIP−16
25 Unit / Rail
MC10H136P
PDIP−16
25 Unit / Rail
MC10H136PG
PDIP−16
(Pb−Free)
25 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Podobny numer części - MC10H136FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H136FNG ONSEMI-MC10H136FNG Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
More results

Podobny opis - MC10H136FNG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10H136 ONSEMI-MC10H136 Datasheet
116Kb / 4P
   Universal Hexadecimal Counter
REV 6
MC10136 ONSEMI-MC10136 Datasheet
150Kb / 8P
   Universal Hexadecimal Counter
1996 REV 5
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
E1420B KEYSIGHT-E1420B Datasheet
335Kb / 5P
   High-Performance VXI Universal Counter
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com