Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100H641 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC100H641
Szczegółowy opis  Single Supply PECL to TTL 1:9 Clock Distribution Chip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H641 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC100H641 Datasheet HTML 1Page - ON Semiconductor MC100H641 Datasheet HTML 2Page - ON Semiconductor MC100H641 Datasheet HTML 3Page - ON Semiconductor MC100H641 Datasheet HTML 4Page - ON Semiconductor MC100H641 Datasheet HTML 5Page - ON Semiconductor MC100H641 Datasheet HTML 6Page - ON Semiconductor MC100H641 Datasheet HTML 7Page - ON Semiconductor MC100H641 Datasheet HTML 8Page - ON Semiconductor MC100H641 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC10H641, MC100H641
http://onsemi.com
2
VBB
D
D
VE
LEN
GE
EN
1
GT
Q5
VT
Q4
VT
Q3
GT
GT
Q6
VT
Q7
VT
Q8
GT
GT
Q6
VT
Q7
VT
Q8
GT
GT
Q2
VT
Q1
VT
Q0
GT
56
789
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
Figure 1. Pinout: PLCC−28 (Top View)
Table 1. PIN DESCRIPTION
Function
TTL GND, TTL VCC
ECL GND, ECL VCC
Signal Input (Positive ECL)
VBB Reference Output (Positive ECL)
Signal Outputs (TTL)
Enable Input (Positive ECL)
Latch Enable Input (Positive ECL)
Pins
GT, VT
GE, VE
D, D
VBB
Q0 − Q8
EN
LEN
TTL Outputs
PECL Input
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
D
VBB
LEN
DQ
D
EN
Figure 2. Logic Diagram


Podobny numer części - MC100H641

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100H641 ONSEMI-MC100H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
More results

Podobny opis - MC100H641

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641 MICREL-SY10H641_06 Datasheet
73Kb / 6P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
logo
ON Semiconductor
MC10H646 ONSEMI-MC10H646_06 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com