Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10LVEP11 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10LVEP11
Szczegółowy opis  2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10LVEP11 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10LVEP11 Datasheet HTML 1Page - ON Semiconductor MC10LVEP11 Datasheet HTML 2Page - ON Semiconductor MC10LVEP11 Datasheet HTML 3Page - ON Semiconductor MC10LVEP11 Datasheet HTML 4Page - ON Semiconductor MC10LVEP11 Datasheet HTML 5Page - ON Semiconductor MC10LVEP11 Datasheet HTML 6Page - ON Semiconductor MC10LVEP11 Datasheet HTML 7Page - ON Semiconductor MC10LVEP11 Datasheet HTML 8Page - ON Semiconductor MC10LVEP11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 11
1
Publication Order Number:
MC10LVEP11/D
MC10LVEP11, MC100LVEP11
2.5V / 3.3VECL 1:2
Differential Fanout Buffer
Description
The MC10/100LVEP11 is a differential 1:2 fanout buffer. The
device is pin and functionally equivalent to the EP11 device. With AC
performance the same as the EP11 device, the LVEP11 is ideal for
applications requiring lower voltage. Single−ended CLK input
operation is limited to a VCC w 3.0 V in PECL mode, or VEE v
−3.0 V in NECL mode.
The 100 Series contains temperature compensation.
Features
240 ps Typical Propagation Delay
Maximum Frequency > 3.0 GHz Typical
PECL Mode Operating Range: VCC = 2.375 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −2.375 V to −3.8 V
Open Input Default State
Q Output Will Default LOW with Inputs Open or at VEE
LVDS Input Compatible
Pb−Free Packages are Available
*For additional marking information, refer to
Application Note AND8002/D.
H
= MC10
A = Assembly Location
K
= MC100
L = Wafer Lot
5X
= MC10
Y= Year
4K
= MC100
W = Work Week
M = Date Code
G = Pb−Free Package
ALYWG
G
HU11
ALYWG
G
KU11
MARKING
DIAGRAMS*
SOIC−8
D SUFFIX
CASE 751
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
1
8
HVP11
ALYW
G
1
8
KVP11
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
(Note: Microdot may be in either location)
14


Podobny numer części - MC10LVEP11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10LVEP11D ONSEMI-MC10LVEP11D Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10LVEP11DG ONSEMI-MC10LVEP11DG Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC10LVEP11DR2 ONSEMI-MC10LVEP11DR2 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10LVEP11DR2G ONSEMI-MC10LVEP11DR2G Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
More results

Podobny opis - MC10LVEP11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com