Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100H646FN Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC100H646FN
Szczegółowy opis  PECL/TTL?뭈TL 1:8 Clock Distribution Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H646FN Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC100H646FN Datasheet HTML 1Page - ON Semiconductor MC100H646FN Datasheet HTML 2Page - ON Semiconductor MC100H646FN Datasheet HTML 3Page - ON Semiconductor MC100H646FN Datasheet HTML 4Page - ON Semiconductor MC100H646FN Datasheet HTML 5Page - ON Semiconductor MC100H646FN Datasheet HTML 6Page - ON Semiconductor MC100H646FN Datasheet HTML 7Page - ON Semiconductor MC100H646FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10H646, MC100H646
http://onsemi.com
2
Q3
OGND
Q2
OVT
Q1
OGND
Q0
1
EN
IVT
IGND
VCCE
VCCE
VBB
ECLK
56
78
9
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
Figure 1. Pinout: PLCC−28
(Top View)
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
TCLK
ECLK
ECLK
EN
Figure 2. Logic Diagram
Table 1. PIN DESCRIPTION
PIN
FUNCTION
OGND
OVT
IGND
IVT
VEE
VCCE
ECLK, ECLK
VBB
Q0−Q7
EN
TTL Output Ground (0 V)
TTL Output VCC (+5.0 V)
Internal TTL GND (0 V)
Internal TTL VCC (+5.0 V)
ECL VEE (0 V)
ECL Ground (5.0 V)
Differential Signal Input
(PECL)
VBB Reference Output
Signal Outputs (TTL)
Tri−State Enable Input (TTL)
Table 2. TRUTH TABLE
TCLK
ECLK
ECLK
EN
Q
GND
GND
H
L
X
L
H
GND
GND
X
H
L
GND
GND
X
H
H
H
H
L
L
H
H
L
Z
L = Low Voltage Level; H = High Voltage Level; Z = Tristate


Podobny numer części - MC100H646FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100H646 ONSEMI-MC100H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
More results

Podobny opis - MC100H646FN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
logo
NXP Semiconductors
PTN1111 PHILIPS-PTN1111 Datasheet
53Kb / 5P
   1:10 PECL clock distribution device
2001 Jun 19
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com