Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10SX1130DR2G Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC10SX1130DR2G
Szczegółowy opis  LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1130DR2G Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC10SX1130DR2G Datasheet HTML 1Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 2Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 3Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 4Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 5Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 6Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 7Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 8Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC10SX1130
http://onsemi.com
5
Table 4. AC CHARACTERISTICS (RTCO = 1 kW ±5%, RSET = R at IOUT = R at IOUT = 10 W ±1%, Unless Otherwise Noted) (Note 5)
Symbol
Characteristic
−40°C
0 to 85°C
Unit
Condition
Min
Typ
Max
Min
Typ
Max
tPLH,
tPHL
Propagation Delay
(Differential)
to Output
(Single−Ended)
1300
1300
1000
950
1400
1400
1800
1850
ns
tStretch
Propagation Delay Stretch = OPEN
Stretch = VCC
Stretch = VEE
(Note 6)
0
145
300
120
250
0
155
310
200
380
ps
tr 10−90
tf 90−10
Rise Time
Fall Time
10% to 90%
90% to 10%
600
375
510
330
880
550
1260
860
ps
tr 20−80
tf 80−20
Rise Time
Fall Time
20% to 80%
80% to 20%
490
260
360
220
600
500
850
750
ps
Jitter
Jitter
Square Wave Input
Pseudo Random Input
(Note 7)
(Note 8)
9
10
6
15
ps
BW
Bandwidth
300
400
300
400
MHz
tSKEW
Duty Cycle Skew
(Differential) (Note 9)
±30
±30
ps
VPP
Minimum Input Swing
(Note 10)
150
150
mV
VCMR
Common Mode Range
(Note 11)
−0.400
See 7
−0.400
See 7
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. 10SX circuits are designed to meet the AC specifications shown in the table after thermal equilibrium has been established. The circuit is
mounted in a test socket or mounted on a printed circuit board and transverse air greater than 500 lfm is maintained.
6. When the Stretch function is used, the output low pulse width is increased by the specified amount.
7. Test condition uses a 133 MHz 50% duty cycle signal.
8. Test condition uses a 266 Mbit/s input pseudo-random data stream (n = 23).
9. Duty cycle skew is the difference between tPLH and tPHL propagation delay through a device, Stretch input is left open.
10.Minimum input swing for which AC parameters are guaranteed.
11. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls
within the specified range and the peak-to-peak voltage lies between VPP Min and 1.0 V. The lower end of the CMR range is dependent on
VEE and is equal to VEE + 3.5 V.


Podobny numer części - MC10SX1130DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
106Kb / 8P
   LED DRIVER
1996 REV 1
More results

Podobny opis - MC10SX1130DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com