Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEP16DT Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC100LVEP16DT
Szczegółowy opis  2.5V / 3.3V ECL Differential Receiver/Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP16DT Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button MC100LVEP16DT Datasheet HTML 4Page - ON Semiconductor MC100LVEP16DT Datasheet HTML 5Page - ON Semiconductor MC100LVEP16DT Datasheet HTML 6Page - ON Semiconductor MC100LVEP16DT Datasheet HTML 7Page - ON Semiconductor MC100LVEP16DT Datasheet HTML 8Page - ON Semiconductor MC100LVEP16DT Datasheet HTML 9Page - ON Semiconductor MC100LVEP16DT Datasheet HTML 10Page - ON Semiconductor MC100LVEP16DT Datasheet HTML 11Page - ON Semiconductor MC100LVEP16DT Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC10LVEP16, MC100LVEP16
http://onsemi.com
8
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10LVEP16D
SOIC−8
98 Units / Rail
MC10LVEP16DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10LVEP16DR2
SOIC−8
2500 / Tape & Reel
MC10LVEP16DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10LVEP16DT
TSSOP−8
100 Units / Rail
MC10LVEP16DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10LVEP16DTR2
TSSOP−8
2500 / Tape & Reel
MC10LVEP16DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10LVEP16MNR4
DFN8
1000 / Tape & Reel
MC10LVEP16MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100LVEP16D
SOIC−8
98 Units / Rail
MC100LVEP16DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100LVEP16DR2
SOIC−8
2500 / Tape & Reel
MC100LVEP16DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100LVEP16DT
TSSOP−8
100 Units / Rail
MC100LVEP16DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100LVEP16DTR2
TSSOP−8
2500 / Tape & Reel
MC100LVEP16DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100LVEP16MNR4
DFN8
1000 / Tape & Reel
MC100LVEP16MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Podobny numer części - MC100LVEP16DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEP16DT ONSEMI-MC100LVEP16DT Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC100LVEP16DTG ONSEMI-MC100LVEP16DTG Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC100LVEP16DTG ONSEMI-MC100LVEP16DTG Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
MC100LVEP16DTR2 ONSEMI-MC100LVEP16DTR2 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC100LVEP16DTR2G ONSEMI-MC100LVEP16DTR2G Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
More results

Podobny opis - MC100LVEP16DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
NB100LVEP17 ONSEMI-NB100LVEP17 Datasheet
147Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receiver
November, 2006 ??Rev. 7
MC100LVEL16 ONSEMI-MC100LVEL16_06 Datasheet
142Kb / 9P
   3.3V ECL Differential Receiver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
100LVEL16 FAIRCHILD-100LVEL16 Datasheet
141Kb / 6P
   3.3V ECL Differential Receiver
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_15 Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16U MICREL-SY100EP16U Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com