Zakładka z wyszukiwarką danych komponentów |
|
MC74ACT08DG Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
MC74ACT08DG Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 9 page © Semiconductor Components Industries, LLC, 2006 October, 2006 − Rev. 8 1 Publication Order Number: MC74AC08/D MC74AC08, MC74ACT08 Quad 2−Input AND Gate Features • Outputs Source/Sink 24 mA • ′ACT08 Has TTL Compatible Inputs • Pb−Free Packages are Available MAXIMUM RATINGS Rating Symbol Value Unit DC Supply Voltage (Referenced to GND) VCC −0.5 to +7.0 V DC Input Voltage (Referenced to GND) Vin −0.5 to VCC +0.5 V DC Output Voltage (Referenced to GND) Vout −0.5 to VCC +0.5 V DC Input Current, per Pin Iin ±20 mA DC Output Sink/Source Current, per Pin Iout ±50 mA DC VCC or GND Current per Output Pin ICC ±50 mA Storage Temperature Tstg −65 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 13 14 12 11 10 9 8 2 1 34567 GND VCC Figure 1. Pinout: 14−Lead Packages Conductors (Top View) TSSOP−14 DT SUFFIX CASE 948G 1 14 SOEIAJ−14 M SUFFIX CASE 965 1 14 SO−14 D SUFFIX CASE 751A 1 14 1 14 PDIP−14 N SUFFIX CASE 646 See general marking information in the device marking section on page 5 of this data sheet. DEVICE MARKING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. ORDERING INFORMATION http://onsemi.com |
Podobny numer części - MC74ACT08DG |
|
Podobny opis - MC74ACT08DG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |