Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC05 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części 74AC05
Szczegółowy opis  Hex Inverter with Open?묭rain Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC05 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button 74AC05 Datasheet HTML 2Page - ON Semiconductor 74AC05 Datasheet HTML 3Page - ON Semiconductor 74AC05 Datasheet HTML 4Page - ON Semiconductor 74AC05 Datasheet HTML 5Page - ON Semiconductor 74AC05 Datasheet HTML 6Page - ON Semiconductor 74AC05 Datasheet HTML 7Page - ON Semiconductor 74AC05 Datasheet HTML 8Page - ON Semiconductor 74AC05 Datasheet HTML 9Page - ON Semiconductor 74AC05 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC74AC05, MC74ACT05
http://onsemi.com
8
PACKAGE DIMENSIONS
SOIC−14
CASE 751A−03
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__
7.04
14X
0.58
14X
1.52
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
7X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Podobny numer części - 74AC05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
   Hex Inverter with Open Drain Outputs
74AC05SC FAIRCHILD-74AC05SC Datasheet
33Kb / 4P
   Hex Inverter with Open Drain Outputs
More results

Podobny opis - 74AC05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74S05 FAIRCHILD-DM74S05 Datasheet
47Kb / 4P
   Hex Inverter with Open-Collector Outputs
logo
Texas Instruments
SN5405 TI-SN5405 Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74ALS05AN FAIRCHILD-DM74ALS05AN Datasheet
52Kb / 4P
   Hex Inverter with Open Collector Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
   Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
logo
National Semiconductor ...
54AC05 NSC-54AC05 Datasheet
113Kb / 6P
   Hex Inverter with Open Drain Outputs
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
   Hex Inverter with Open Drain Outputs
logo
NXP Semiconductors
74HC05 NXP-74HC05 Datasheet
90Kb / 13P
   Hex inverter with open-drain outputs
Rev. 02-18 June 2009
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A_13 Datasheet
123Kb / 6P
   Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC06A NEXPERIA-74LVC06A Datasheet
234Kb / 12P
   Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com