Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBT2132T3 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MMBT2132T3
Szczegółowy opis  General Purpose Transistors NPN Bipolar Junction Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2132T3 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MMBT2132T3_06 Datasheet HTML 1Page - ON Semiconductor MMBT2132T3_06 Datasheet HTML 2Page - ON Semiconductor MMBT2132T3_06 Datasheet HTML 3Page - ON Semiconductor MMBT2132T3_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBT2132T3
http://onsemi.com
3
Figure 5. “ON” Voltages
Figure 6. Collector−Emitter Saturation Voltage
0.001
IC, COLLECTOR CURRENT (A)
1.0
0.1
0.01
IC, COLLECTOR CURRENT (A)
0.01
0.16
0.12
0.04
0
0.1
0.01
0.1
1.0
1.0
0.08
VBE(sat)
VCE(sat)
IC/IB = 100
IC/IB = 10
T = 85°C
25°C
0°C
0.5
0.2
0.1
0.05
0.02
0.01
Figure 7. Collector−Emitter Saturation Voltage
Figure 8. VBE(on) Voltage
Figure 9. Thermal Response Curve
1.0
0.01
IC, COLLECTOR CURRENT (A)
0.2
0.1
0.01
0.0001
TIME (sec)
1.0
0.01
0.05
0
0.001
1.0
0.0001
IC, COLLECTOR CURRENT (A)
1.0
0.75
0.5
0.25
0
0.001
0.01
VCE = 1.0 V
0.15
0.1
0.1
0.1
1.0
10
100
IC/IB = 100
T = 85°C
25°C
0°C
150°C
25°C
−40°C
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN569)
ZqJA(t) = r(t) RqJA
TJ(pk) − TA = P(pk) ZqJA(t)
DUTY CYCLE, D = t1/t2
t1
t2
P(pk)
0.1


Podobny numer części - MMBT2132T3_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMBT2132T3 ONSEMI-MMBT2132T3 Datasheet
113Kb / 4P
   General Purpose Transistors
More results

Podobny opis - MMBT2132T3_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
BC107 SEME-LAB-BC107 Datasheet
14Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BC107 NJSEMI-BC107 Datasheet
92Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Agilent(Hewlett-Packard...
AT-41511 HP-AT-41511 Datasheet
103Kb / 10P
   General Purpose, Low Noise NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-41532 AVAGO-AT-41532 Datasheet
1Mb / 14P
   General Purpose, Low Current NPN Silicon Bipolar Transistor
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com