Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD202KN Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD202KN
Szczegółowy opis  Low Cost, Miniature Isolation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD202KN Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD202KN Datasheet HTML 2Page - Analog Devices AD202KN Datasheet HTML 3Page - Analog Devices AD202KN Datasheet HTML 4Page - Analog Devices AD202KN Datasheet HTML 5Page - Analog Devices AD202KN Datasheet HTML 6Page - Analog Devices AD202KN Datasheet HTML 7Page - Analog Devices AD202KN Datasheet HTML 8Page - Analog Devices AD202KN Datasheet HTML 9Page - Analog Devices AD202KN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. D
AD202/AD204
–6–
Adjustments. When gain and zero adjustments are needed, the
circuit details will depend on whether adjustments are to be made
at the isolator input or output, and (for input adjustments) on
the input circuit used. Adjustments are usually best done on the
input side, because it is better to null the zero ahead of the gain,
and because gain adjustment is most easily done as part of the
gain-setting network. Input adjustments are also to be preferred
when the pots will be near the input end of the isolator (to mini-
mize common-mode strays). Adjustments on the output side
might be used if pots on the input side would represent a hazard
due to the presence of large common-mode voltages during
adjustment.
Figure 8a shows the input-side adjustment connections for use
with the noninverting connection of the input amplifier. The
zero adjustment circuit injects a small adjustment voltage in series
with the low side of the signal source. (This will not work if the
source has another current path to input common or if current
flows in the signal source LO lead). Since the adjustment volt-
age is injected ahead of the gain, the values shown will work for
any gain. Keep the resistance in series with input LO below a
few hundred ohms to avoid CMR degradation.
AD202
OR
AD204
47.5k
VS
5k
GAIN
RG
200
+7.5
–7.5
100k
ZERO
2k
50k
Figure 8a. Adjustments for Noninverting Connection of
Op Amp
Also shown in Figure 8a is the preferred means of adjusting the
gain-setting network. The circuit shown gives a nominal RF of
50 k
W, and will work properly for gains of ten or greater. The
adjustment becomes less effective at lower gains (its effect is
halved at G = 2) so that the pot will have to be a larger fraction
of the total RF at low gain. At G = 1 (follower) the gain cannot
be adjusted downward without compromising input resistance;
it is better to adjust gain at the signal source or after the output.
Figure 8b shows adjustments for use with inverting input cir-
cuits. The zero adjustment nulls the voltage at the summing
node. This method is preferable to current injection because it is
less affected by subsequent gain adjustment. Gain adjustment is
again done in the feedback; but in this case it will work all the
way down to unity gain (and below) without alteration.
AD202
OR
AD204
RS
47.5k
VS
5k
GAIN
200
50k
+7.5
–7.5
100k
ZERO
Figure 8b. Adjustments for Summing or Current Input
Figure 9 shows how zero adjustment is done at the output by
taking advantage of the semi-floating output port. The range of
this adjustment will have to be increased at higher gains; if that
is done, be sure to use a suitably stable supply voltage for the
pot circuit.
There is no easy way to adjust gain at the output side of the
isolator itself. If gain adjustment must be done on the output
side, it will have to be in a following circuit such as an output
buffer or filter.
AD202
OR
AD204
200
50k
100k
ZERO
0.1 F
+15V
–15V
VO
Figure 9. Output-Side Zero Adjustment
Common-Mode Performance. Figures 10a and 10b show
how the common-mode rejection of the AD202 and AD204
varies with frequency, gain, and source resistance. For these
isolators, the significant resistance will normally be that in the
path from the source of the common-mode signal to IN COM.
The AD202 and AD204 also perform well in applications re-
quiring rejection of fast common-mode steps, as described in
the Applications section.
FREQUENCY – Hz
180
10
160
140
120
100
80
60
40
20
50 60 100
200
500
1k
2k
5k
G = 100
G = 1
R
LO
= 10k
R
LO = 500
R
LO = 0
R
LO = 0
R
LO
= 10k
Figure 10a. AD204
(NOTE: Circuit figures shown on this page are for SIP-style packages. Refer to
Page 3 for proper DIP package pinout.)


Podobny numer części - AD202KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD202KN AD-AD202KN Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
More results

Podobny opis - AD202KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD202 AD-AD202_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
MicroPower Direct, LLC
A200EHI MPD-A200EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com